Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2905 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2905 Datasheet HTML 1Page - Monolithic Power Systems MP2905 Datasheet HTML 2Page - Monolithic Power Systems MP2905 Datasheet HTML 3Page - Monolithic Power Systems MP2905 Datasheet HTML 4Page - Monolithic Power Systems MP2905 Datasheet HTML 5Page - Monolithic Power Systems MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
3
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=12V, 4.7uF capacitor from REF, 0.01uf capacitor from SS to GND; VFB=0.65V; VSW=VGND=0V;
VILIM=11.5V; HG=unconnected; LG=unconnected; TA=25
oC, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
IN Supply Voltage
3
(5)
28
V
REF output Voltage
IREF=10mA
4.75
5.0
5.25
V
REF maximum output
current
20
mA
BST output voltage
IBST=10mA
5.0
V
BST maximum output
current
20
mA
REF
Undervoltage
lockout (UVLO)
Rising
2.6
2.8
3
V
Falling
2.25
2.45
2.65
V
Hysteresis
350
mV
Supply Current
No
switching,
VFB=0.65V
VIN=12V
0.6
2
mA
VIN=VREF=5V
0.7
2
VIN=VREF=3.3V
0.6
2
Output
regulation
accuracy
VFB peak
0.593
0.6
0.607
V
Output
regulation
hysteresis
22
mV
FB Propagation Delay
FB falling to LG falling
50
ns
FB rising to HG falling
70
ns
Overvoltage-
Protection(OVP)
Threshold
0.7
0.75
0.8
V
High-Side
Current
–
Sense Program Current
TA=85
oC
60
uA
TA=25
oC
42.5
50
57.5
uA
Soft-Start
internal
Resistance
60
80
100
K
Fault Hiccup Internal SS
Pulldown Current
VSW<VILIM and VFB<VSS
230
nA
HG Driver Resistance
Sourcing Resistance
2.1
Ω
Sinking Resistance
1.6
LG Driver Resistance
Sourcing Resistance
2.2
Ω
Sinking Resistance
1.1
Dead time
HG low to LG high and LG low to HG
high(adaptive)
40
ns
HG Minimum On-Time
100
200
ns
LG Minimum On-Time
Normal operation
100
200
ns
Current fault
475
ns
Thermal Shutdown
Rising temperature, hysteresis=20(typ)
140
(6)
oC
Notes:
5)
If IN Supply Voltage is lower than 5V, circuit can keep work but the efficiency will be lower.
6) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com