Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2905 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2905 Datasheet HTML 2Page - Monolithic Power Systems MP2905 Datasheet HTML 3Page - Monolithic Power Systems MP2905 Datasheet HTML 4Page - Monolithic Power Systems MP2905 Datasheet HTML 5Page - Monolithic Power Systems MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems MP2905 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
6
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT =1.8V, IOUT=12A, L1=1.5µH, COUT=100µF *2+330µF, TA=+25°C, unless otherwise
noted.
FB Peak and Hysteresis
Start up and Shut down by
Pull down and Release SS
Short Entry
FB OVP
Short Recovery
VOUT
10V/div
IINDUCTOR
10A/div
External Signal
1V/div
SS
500mV/div
4ms/div
VOUT
1V/div
IINDUCTOR
10A/div
SW
10V/div
20ms/div
VOUT
1V/div
IINDUCTOR
10A/div
SW
10V/div
20ms/div
FB
100mV/div
SW
5V/div
FB
100mV/div
VOUT
1V/div
HG
10V/div
LG
5V/div
40ms/div
VIN Power up
IOUT=0A
VOUT
1V/div
VIN
5V/div
SW
10V/div
IINDUCTOR
5A/div
1ms/div
VIN Power off
IOUT=0A
VOUT
1V/div
VIN
5V/div
SW
20V/div
IINDUCTOR
5A/div
VIN Power up
IOUT=12A
VOUT
1V/div
VIN
5V/div
SW
10V/div
IINDUCTOR
10A/div
VIN Power off
IOUT=12A
VOUT
1V/div
VIN
5V/div
SW
10V/div
IINDUCTOR
10A/div
1ms/div
1ms/div
1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com