Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2905 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2905 Datasheet HTML 1Page - Monolithic Power Systems MP2905 Datasheet HTML 2Page - Monolithic Power Systems MP2905 Datasheet HTML 3Page - Monolithic Power Systems MP2905 Datasheet HTML 4Page - Monolithic Power Systems MP2905 Datasheet HTML 5Page - Monolithic Power Systems MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
4
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
PIN FUNCTIONS
Pin#
Name
Description
1
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback reference voltage is
0.59V. See Setting the Output Voltage.
2
SS
Soft-start Control Input. SS controls the soft-start period. Connect a capacitor from SS to
GND to set the soft-start period.
A 0.01uF external capacitor sets the soft-start period to 4ms with an internal 84Kohm
resistor.
An internal 250nA current sink in hiccup mode gives approximately 10% duty cycle
during fault conditions.
3
REF
Internal 5V LDO output. Bypass REF to GND with a 4.7uF or greater capacitor.
4
GND
Ground. Connect the exposed pad to pin 4
5
LG
Low-side Gate-Drive output. Drive the synchronous-rectifier MOSFET.
Connect this pin to the gate of the synchronous MOSFET.
6
BST
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-channel
MOSFET switching. Connect a 0.1uF or greater capacitor from SW to BST to power the
high side switch.
MP2905 contains an internal BST regulator, so external schottky from REF to BST is not
necessary.
7
SW
Switch Output. SW is the switching node that supplies power to the output. Connect the
output LC filter from SW to the output load. Note that a capacitor is required from SW to
BST to power the high-side switch.
8
HG
High-side gate-drive output. Drive the high-side MOSFET. Connect this pin to the gate of
the high-side MOSFET
9
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 3V to 28V power source. Bypass IN to GND with a suitably
large capacitor to eliminate noise on the input to the IC. See Setting the Input Capacitor.
10
ILIM
Current-limit threshold Set pin. A appropriate resistor should be connected between this
pin and the drain of high-side MOSFET (IN). An internal 50uA current sink sets a voltage
drop in the resistor. The voltage drop compares to high-side MOSFET voltage drop (Vds)
to set the peak current-limit threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com