Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2905 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2905 Datasheet HTML 1Page - Monolithic Power Systems MP2905 Datasheet HTML 2Page - Monolithic Power Systems MP2905 Datasheet HTML 3Page - Monolithic Power Systems MP2905 Datasheet HTML 4Page - Monolithic Power Systems MP2905 Datasheet HTML 5Page - Monolithic Power Systems MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2905
3V-28V Input, Hysteretic
Synchronous Step-Down Controller
MP2905 Rev. 0.91
www.monolithicpower.com
1
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2905 is a hysteretic voltage-mode control,
synchronous PWM buck controller. The output
voltage can be regulated from 0.6V to 0.9*VIN. It
achieves high output current over a wide input
supply range from 3V-28V.
MP2905 integrates an internal LDO regulator that
makes the controller function at a wide input
supply.
Hysteretic voltage-mode control provides fast
transient
response
without
additional
loop
compensation.
An adjustable soft-start prevents inrush current at
turn-on. The device senses high-side switch
voltage drop for hiccup current limit and short
current protection. The frequency is adjustable
from 200kHz to 500kHz.
The MP2905 is available in 10-pin MSOP
package, provides a very compact system
solution with minimal reliance on external
components.
FEATURES
• Wide 3V to 28V Operating Input Range
• Output Adjustable from 0.6V to 0.9*Vin
• Switching frequency from 200kHz to 500kHz
• Programmable Soft-Start
• Hiccup current limit
• Lossless peak current sensing
• MSOP-10 package
APPLICATIONS
• Motherboard Power Supplies
• AGP and PCI-Express Power Supplies
• Graphic-Card Power Supplies
• Set-Top Boxes
• Point-of-Load Power Supplies
TYPICAL APPLICATION


Similar Part No. - MP2905

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2905EK MPS-MP2905EK Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
MP2905EK MPS-MP2905EK Datasheet
240Kb / 5P
1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
More results

Similar Description - MP2905

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Semtech Corporation
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
Low Input, High Efficiency Synchronous, Step Down Controller
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Semtech Corporation
SC4524C SEMTECH-SC4524C Datasheet
802Kb / 21P
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2905EK-00A MPS-EV2905EK-00A Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
EV2905-K-01A MPS-EV2905-K-01A Datasheet
240Kb / 5P
1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com