| Electronic Components Datasheet Search |
|
AD9549APCBZ Datasheet(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549APCBZ Datasheet(HTML) 60 Page - Analog Devices |
|
60 / 76 page ![]() AD9549 Rev. D | Page 60 of 76 Register 0x0121—FTW Upper Limit Table 53. Bits Bit Name Description [7:0] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0122—FTW Upper Limit (Continued) Table 54. Bits Bit Name Description [15:8] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0123—FTW Upper Limit (Continued) Table 55. Bits Bit Name Description [23:16] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0124—FTW Upper Limit (Continued) Table 56. Bits Bit Name Description [31:24] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0125—FTW Upper Limit (Continued) Table 57. Bits Bit Name Description [39:32] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0126—FTW Upper Limit (Continued) Table 58. Bits Bit Name Description [47:40] FTW upper limit Highest DDS tuning word in closed- loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0127 to Register 0x012C—Frequency Slew Limit Table 59. Bits Bit Name Description [47:0] Frequency slew limit See the Frequency Slew Limiter section. Register 0x012D to Register 0x0130—Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |