| Electronic Components Datasheet Search |
|
AM79C30AJC Datasheet(PDF) 63 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C30AJC Datasheet(HTML) 63 Page - Advanced Micro Devices |
|
63 / 101 page ![]() Am79C30A/32A Data Sheet 63 C/I Transmit Data Register 0 (C/ITDR0) Default = 0F Hex Address = Indirect C4 Hex, Write The C/I Transmit Data Register 0 is the user-visible portion of the C/I channel 0 transmitter. Data can be written into this register by the user at any time and is transmitted continuously during each subsequent frame until changed.The register is set to its default value, 0F hex (C/I channel idle), by reset or disabling of the Peripheral Port. Bus access request bit-When set, the DSC will attempt to gain access to the C/I0 channel if TIC bus is enabled. C/I Receive Data Register 0 (C/IRDR0) Default = XF Hex Address = Indirect C4 Hex, Read The C/I Receive Data Register 0 contains data valid for two frames from C/I Receive channel 0. The register is set to its default value of XF hex by a reset or the disabling of the Peripheral Port. C/I Transmit Data Register 1 (C/ITDR1) Default = 3F Hex Address = Indirect C5 Hex, Write The C/I Transmit Data Register 1 is the user-visible portion of the C/I channel 1 transmitter. Data can be written into this register by the user at any time. It is transmitted continuously during each subsequent frame until changed. The register is set to its default value, 3F hex (C/I channel idle), by reset or disabling of the Peripheral Port. C/I Receive Data Register 1 (C/IRDR1) Default = Bits 7 and 6 are Indeterminate, Bits 5–0 = 1 Address = Indirect C5 Hex, Read The C/I Receive Data Register 1 contains the data (valid for two frames) from C/I Receive channel 1. The register is set to its default value by a reset or the disabling of the Peripheral Port. 7 654 32 10 Bus Access Request RSRVD RSRVD RSRVD C/I0 DATA BIT 3 (MSB) C/I0 DATA BIT 2 C/I0 DATA BIT 1 C/I0 DATA BIT 0 (LSB) 7 654 32 10 RSRVD RSRVD RSRVD RSRVD C/I0 DATA BIT 3 (MSB) C/I0 DATA BIT 2 C/I0 DATA BIT 1 C/I0 DATA BIT0 (LSB) 7 654 32 10 RSRVD RSRVD C/I1 DATA BIT 5 (MSB) C/I1 DATA BIT 4 C/I1 DATA BIT 3 C/I1 DATA BIT 2 C/I1 DATA BIT 1 C/I1 DATA BIT 0 (LSB) 7 654 32 10 RSRVD RSRVD C/I1 DATA BIT 5 (MSB) C/I DATA BIT 4 C/I1 DATA BIT 3 C/I1 DATA BIT 2 C/I1 DATA BIT 1 C/I1 DATA BIT 0 (LSB) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |