| Electronic Components Datasheet Search |
|
AM79C30AJC Datasheet(PDF) 97 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C30AJC Datasheet(HTML) 97 Page - Advanced Micro Devices |
|
97 / 101 page ![]() Am79C30A/32A Data Sheet 97 • The sidetone path defaults to –18-dB attenuation. If disabling the sidetone path is desired, the sidetone block must be enabled and programmed for infinite attentuation. • Consider the LIU transformers, series resistors, and IC LIU output drivers as a functional unit. Transform- ers that meet CCITT I.430 requirements with other transceivers are not necessarily appropriate for use with the DSC circuit, and vice versa. • Interrupts should be masked when reading or writ- ing any indirect or multibyte DSC circuit registers to prevent the possibility of an interrupt occurring and destroyed the contents of the Command Register. • If the MAP and secondary tone ringer are disabled, the EAR, AREF, and LS outputs are high-imped- ance. If the MAP is enabled, the unselected audio output is high-impedance. • The MAP should not be enabled until after the LIU has achieved synchronization. This will eliminate the possibility of audible distortion when the internal device timing is resynchronized to the S Interface. • To make optimum use of the MAP digital signal pro- cessing chain, use digital gain (GX) for fine adjust- ment, and analog gain (GA) for coarse adjustment. • The user must program the Secondary Tone Ringer Frequency Register (STFR) with a legal value be- fore enabling the secondary tone ringer. • In order to exit Power-Down Mode due to LIU acti- vation, both the F7 interrupt and the DSC/IDC cir- cuit interrupt pin must be enabled. In order to exit Power-Down Mode due to IOM-2 activation, both the IOM -2 Ti ming Request interrupt and the DSC/IDC circuit interrupt pin must be enabled. • The MAP auto-zero function must be enabled prior to enabling the MAP. For all normal applications, the auto-zero function should always be enabled. • To ensure proper operation of the filters (X and R) and gains (GX, GR, GER, STGR, and ATGR), these register blocks should not be accessed more fre- quently than 128-µs intervals. This allows the inter- nal buffers to the map to operate properly, since they are updated only once per frame. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |