Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C30AJC Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 64Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 65Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 66Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 67Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 68Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 69Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 70Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 71Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
68
Am79C30A/32A Data Sheet
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Storage temperature –65°C to +150°C
Ambient temperature
with power applied . . . . . . . . . . . . . –55°C to +125°C
Supply voltage to ground,
potential continuous . . . . . . . . . . . . . . . 0 V to +7.0 V
Lead temperature (soldering, 10 sec) . . . . . . . . 300°C
Maximum power dissipation . . . . . . . . . . . . . . . 1.5 W
Voltage from any
pin to VSS . . . . . . . . . . . . .VSS – 0.5 V to VCC + 0.5 V
DC input/output current
(except LS1, LS2) . . . . . . . . . . . . . . . . . . . . . . . 10 mA
DC output current, LS1, LS2 only . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
Operating Ranges
Commercial (C) devices
Operating VCC range with respect
to VSS . . . . . . . . . . . . . . . . . . . . . . . . .4.75 V to 5.25 V
Ambient temperature (TA) . . . . . . . . . . . 0°C to +70°C
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
DC Characteristics over Commercial Operating Ranges (unless otherwise specified)
Parameter Symbol Parameter Descriptions
Test Conditions
Preliminary
Unit
Min
Max
VIH
Input High Level, except XTAL2
2.0
VCC + .25
V
VIH2
Input High Level XTAL2
0.80 VCC
VCC + .25
V
VIL
Input Low Level
VSS – 0.25
0.80
V
VOL
Output Low Level, except SBOUT
Output Low Level, SBOUT only
IOL = 2 µA
IOL = 7 µA
0.40
0.40
V
VOH
Output High Level
IOH = –400 µA
= –10 µA
2.4
0.90 VCC
V
IOL
Output Leakage Current
0 < VOUT < VCC
Output in High-Z State
± 10
µA
IIL
Input Leakage Current
Digital Inputs
LIN1/LIN2
XTAL2
0 < VIN < VCC
± 10
µA
± 200
µA
5.5 (TYP)
µA
CI
Input Capacitance
Digital Input
Temp = 255C
Freq = 1 MHz
10 (TYP)
pF
CO
Output Capacitance
Digital Input/Output
Temp = 255C
Freq = 1 MHz
10 (TYP)
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com