Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C30AJC Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 93Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 94Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 95Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 96Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 97Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 98Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 99Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 100Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 101Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 99 / 101 page
background image
Am79C30A/32A Data Sheet
99
PHYSICAL DIMENSIONS
Note:
Dimensions are measured in inches.
SIDE VIEW
PQT 44
44
1
9.80
10.20
11.80
12.20
9.80
10.20
11.80
12.20
-A-
-D-
-B-
TOP VIEW
0.95
1.05
1.00 REF.
0.30
0.45
0.80
BSC
11° – 13°
1.20 MAX
11° – 13°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com