Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 206 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 206 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 202Page - Advanced Micro Devices AM79C975 Datasheet HTML 203Page - Advanced Micro Devices AM79C975 Datasheet HTML 204Page - Advanced Micro Devices AM79C975 Datasheet HTML 205Page - Advanced Micro Devices AM79C975 Datasheet HTML 206Page - Advanced Micro Devices AM79C975 Datasheet HTML 207Page - Advanced Micro Devices AM79C975 Datasheet HTML 208Page - Advanced Micro Devices AM79C975 Datasheet HTML 209Page - Advanced Micro Devices AM79C975 Datasheet HTML 210Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 304 page
background image
206
Am79C973/Am79C975
P R E L I M INARY
RMD0
Bit
Name
Description
31-0
RBADR
Receive Buffer address. This field
contains the address of the re-
ceive buffer that is associated
with this descriptor.
RMD1
Bit
Name
Description
31
OWN
This bit indicates whether the de-
scriptor entry is owned by the
host (OWN = 0) or by the
Am79C973/Am79C975 controller
(OWN = 1). The Am79C973/
Am79C975 controller clears the
OWN bit after filling the buffer that
the descriptor points to. The host
sets the OWN bit after emptying
the buffer.
Once the Am79C973/Am79C975
controller
or
host
has
relin-
quished ownership of a buffer, it
must not change any field in the
descriptor entry.
30
ERR
ERR is the OR of FRAM, OFLO,
CRC, BUFF, or BPE. ERR is set
by
the
Am79C973/Am79C975
controller and cleared by the
host.
29
FRAM
Framing error indicates that the
incoming frame contains a non-
integer multiple of eight bits and
there was an FCS error. If there
was no FCS error on the incom-
ing frame, then FRAM will not be
set even if there was a non-
integer multiple of eight bits in the
frame. FRAM is not valid in inter-
nal loopback mode. FRAM is val-
id only when ENP is set and
OFLO is not. FRAM is set by the
Am79C973/Am79C975 controller
and cleared by the host.
28
OFLO
Overflow error indicates that the
receiver has lost all or part of the
incoming frame, due to an inabili-
ty to move data from the receive
FIFO into a memory buffer before
the internal FIFO overflowed.
OFLO is set by the Am79C973/
Am79C975
controller
and
cleared by the host.
27
CRC
CRC indicates that the receiver
has detected a CRC (FCS) error
on the incoming frame. CRC is
valid only when ENP is set and
OFLO is not. CRC is set by the
Am79C973/Am79C975 controller
and cleared by the host. CRC will
also be set when Am79C973/
Am79C975 receives an RX_ER
indication from the external PHY
through the MII.
26
BUFF
Buffer error is set any time the
Am79C973/Am79C975 controller
does not own the next buffer
Table 59. Receive Descriptor (SWSTYLE = 2)
Address
31
30
29
28
27
26
25
24
23
22
21
20
19-16
15-12
11-0
CRDA+00h
RBADR[31:0]
CRDA+04h OWN ERR
FRA
M
OFL
O
CRC
BUF
F
STP
ENP
BPE
PAM
LAFM
BAM
RES
1111
BCNT
CRDA+08h RES
RFRTAG[14:0]
0000
MCNT
CRDA+0Ch
USER SPACE
Table 60. Receive Descriptor (SWSTYLE = 3)
Address
31
30
29
28
27
26
25
24
23
22-16
15-12
11-0
CRDA+00h
RES
RES
RES
0000
MCNT
CRDA+04h
OWN
ERR
FRAM
OFLO
CRC
BUFF
STP
ENP
BPE
RES
1111
BCNT
CRDA+08h
RBADR[31:0]
CRDA+0Ch
USER SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com