Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 207 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 207 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 203Page - Advanced Micro Devices AM79C975 Datasheet HTML 204Page - Advanced Micro Devices AM79C975 Datasheet HTML 205Page - Advanced Micro Devices AM79C975 Datasheet HTML 206Page - Advanced Micro Devices AM79C975 Datasheet HTML 207Page - Advanced Micro Devices AM79C975 Datasheet HTML 208Page - Advanced Micro Devices AM79C975 Datasheet HTML 209Page - Advanced Micro Devices AM79C975 Datasheet HTML 210Page - Advanced Micro Devices AM79C975 Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 304 page
background image
Am79C973/Am79C975
207
P R E L I M INARY
while data chaining a received
frame. This can occur in either of
two ways:
1. The OWN bit of the next buffer
is 0.
2. FIFO overflow occurred before
the
Am79C973/Am79C975
controller was able to read the
OWN bit of the next descrip-
tor.
If a Buffer Error occurs, an Over-
flow Error may also occur inter-
nally in the FIFO, but will not be
reported in the descriptor status
entry unless both BUFF and
OFLO errors occur at the same
time.
BUFF
is
set
by
the
Am79C973/Am79C975 controller
and cleared by the host.
25
STP
Start of Packet indicates that this
is the first buffer used by the
Am79C973/Am79C975 controller
for this frame. If STP and ENP
are both set to 1, the frame fits
into a single buffer. Otherwise,
the frame is spread over more
than one buffer. When LAPPEN
(CSR3, bit 5) is cleared to 0, STP
is
set
by
the
Am79C973/
Am79C975
controller
and
cleared by the host. When LAP-
PEN is set to 1, STP must be set
by the host.
24
ENP
End of Packet indicates that this
is the last buffer used by the
Am79C973/Am79C975 controller
for this frame. It is used for data
chaining buffers. If both STP and
ENP are set, the frame fits into
one buffer and there is no data
chaining. ENP is set by the
Am79C973/Am79C975 controller
and cleared by the host.
23
BPE
Bus Parity Error is set by the
Am79C973/Am79C975 controller
when a parity error occurred on
the bus interface during data
transfers to a receive buffer. BPE
is valid only when ENP, OFLO, or
BUFF are set. The Am79C973/
Am79C975 controller will only set
BPE when the advanced parity
error handling is enabled by set-
ting APERREN (BCR20, bit 10) to
1. BPE is set by the Am79C973/
Am79C975
controller
and
cleared by the host.
This bit does not exist when the
Am79C973/Am79C975 controller
is programmed to use 16-bit soft-
ware structures for the descriptor
ring entries (BCR20, bits 7-0,
SWSTYLE is cleared to 0).
22
PAM
Physical Address Match is set by
the Am79C973/Am79C975 con-
troller when it accepts the re-
ceived frame due to a match of
the frame’s destination address
with the content of the physical
address register. PAM is valid
only when ENP is set. PAM is set
by
the
Am79C973/Am79C975
controller and cleared by the
host.
This bit does not exist when the
Am79C973/Am79C975 controller
is programmed to use 16-bit soft-
ware structures for the descriptor
ring entries (BCR20, bits 7-0,
SWSTYLE is cleared to 0).
21
LAFM
Logical Address Filter Match is
set
by
the
Am79C973/
Am79C975 controller when it ac-
cepts the received frame based
on the value in the logical ad-
dress filter register. LAFM is valid
only when ENP is set. LAFM is
set
by
the
Am79C973/
Am79C975
controller
and
cleared by the host.
Note that if DRCVBC (CSR15, bit
14) is cleared to 0, only BAM, but
not LAFM will be set when a
Broadcast
frame
is
received,
even if the Logical Address Filter
is programmed in such a way that
a Broadcast frame would pass
the hash filter. If DRCVBC is set
to 1 and the Logical Address Fil-
ter is programmed in such a way
that a Broadcast frame would
pass the hash filter, LAFM will be
set on the reception of a Broad-
cast frame.
This bit does not exist when the
Am79C973/Am79C975 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com