Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 259 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 259 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 255Page - Advanced Micro Devices AM79C975 Datasheet HTML 256Page - Advanced Micro Devices AM79C975 Datasheet HTML 257Page - Advanced Micro Devices AM79C975 Datasheet HTML 258Page - Advanced Micro Devices AM79C975 Datasheet HTML 259Page - Advanced Micro Devices AM79C975 Datasheet HTML 260Page - Advanced Micro Devices AM79C975 Datasheet HTML 261Page - Advanced Micro Devices AM79C975 Datasheet HTML 262Page - Advanced Micro Devices AM79C975 Datasheet HTML 263Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 304 page
background image
Am79C973/Am79C975
259
P R E L I M INARY
Default: 00
Read only, write has no effect.
This two bit field indicates the current power
state of the Am79C975 controller. The defini-
tion of the field values is given below:
00b - D0
01b - D1
10b - D2
11b - D3
5
RESERVED Default: 0Read as ZERO only
Reserved bits. For future use only
4
PVALID
Default: 0Read only, write has no
effect.
When PVALID is set to a 1, it indicates that
there is an EEPROM connected to the
Am79C975 controller and that the read opera-
tion of the EEPROM has passed the checksum
verification. All registers that are loaded from
the EEPROM contain data read from the EE-
PROM. PVALID is cleared by H_RESET.
3RXON
Default: 0
Read only, write has no effect.
When RXON is set to a 1, it indicates that the
receive function for normal operation is en-
abled. Note that the reception of management
frames via the SMIU is only controlled by the
MRX_ENABLE bit in the Receive Status regis-
ter, but not of the state of RXON. RXON is
cleared by H_RESET.
2TXON
Default: 0
Read only, write has no effect.
When TXON is set to a 1, it indicates that the
transmit function for normal operation is en-
abled. Note that the transmission of manage-
ment frames via the SMIU is always active,
independent of the state of TXON. TXON is
cleared by H_RESET.
1STOP
Default: 1
Read only, write has no effect.
When STOP is set to a 1, it indicates that all
bus master activity of the Am79C975 controller
is disabled. STOP is set to 1 by H_RESET.
0STRT
Default: 0
Read only, write has no effect.
When STRT is set to a 1, it indicates that the
Am79C975 controller is initialized for normal
mode of operation and that the device is setup
to perform bus master activity. STRT is cleared
by H_RESET.
MIU Transceiver Status (MReg Address 30)
This register is a shadow register of some bits in the
transceiver status register.
Bit No.
Name and Description
7:4
RESERVED
Default: 0000Read as ZERO only
Reserved bits. For future use only
3LINK
Default: 0
Read only, write has no effect.
When LINK is set to 1, it indicates that the
physical layer interface of the Am79C975 con-
troller is in Link Pass state. A value of 0 indi-
cates a Link Fail state.
2
DUPLEX
Default: 0
Read only, write has no effect.
When DULPEX is set to 1, it indicates that the
physical layer interface is operating in full-du-
plex mode. A value of 0 indicates half-duplex
mode.
1
SPEED
Default: 0
Read only, write has no effect.
When SPEED is set to 1, it indicates that the
physical layer interface is operating at 100
Mbps. A value of 0 indicates a speed of 10
Mbps.
0
AUTONEG_DONEDefault: 0Read only, write
has no effect.
When AUTONEG_DONE is set to 1, it indi-
cates that the autonegotiation process of the
physical layer interface with the other end of
the network cable has completed.
Control and Status Registers
The following registers control the transmission and re-
ception of management frames and provide status of
the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com