Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 262 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 262 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 258Page - Advanced Micro Devices AM79C975 Datasheet HTML 259Page - Advanced Micro Devices AM79C975 Datasheet HTML 260Page - Advanced Micro Devices AM79C975 Datasheet HTML 261Page - Advanced Micro Devices AM79C975 Datasheet HTML 262Page - Advanced Micro Devices AM79C975 Datasheet HTML 263Page - Advanced Micro Devices AM79C975 Datasheet HTML 264Page - Advanced Micro Devices AM79C975 Datasheet HTML 265Page - Advanced Micro Devices AM79C975 Datasheet HTML 266Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 304 page
background image
262
Am79C973/Am79C975
P R E L I M INARY
elapsed. The Am79C975 controller will not re-
try
the
transmission
on
late
collision.
MTX_LCOL is valid while MTX_START is set
to 0. MTX_LCOL is cleared by H_RESET.
2
MTX_LCAR
Default: 0
Read only, write has no effect.
Transmit Loss of Carrier indicates that the
transceiver was in Link Fail state during the
transmission of the alert frame. MTX_LCAR is
valid
while
MTX_START
is
set
to
0.
MTX_LCAR is cleared by H_RESET.
1
MTX_RTRY
Default: 0
Read only, write has no effect.
Transmit Retry error indicates that the trans-
mission of the alert frame has failed after 16 at-
tempts, due to repeated collisions on the
network.
MTX_RTRY
is
valid
while
MTX_START is set to 0. MTX_RTRY is
cleared by H_RESET.
0MTX_ERR
Default: 0
Read only, write has no effect.
Transmit Error is the OR of the MTX_LCOL,
MTX_LCAR
and
MTX_RTRY
error.
MTX_ERR is valid while MTX_START is set to
0. MTX_ERR is cleared by H_RESET.
SMIU Receive Address Register (MReg Address
39)
Bit No.
Name and Description
7:0
MRX_ADR
Default: 00h Read/Write
The SMIU Receive Address register contains
the address within the Receive Data memory
from where the next byte of data is read. The
register is cleared to 0 by H_RESET and by
setting MRX_ENABLE in the Receive Status
register, which also unprotects the Receive
Data memory from being overwritten with a
new frame. The address register autoincre-
ments with every byte read from the Receive
Data memory. This allows a FIFO-type access
to the Receive Data memory and the host does
not need to keep track of the location he is
reading from. In addition, MRX_ADR can be
set to any address within the Receive Data
memory in order to modify a specific location.
SMIU Receive Data Port (MReg Address 40)
Bit No.
Name and Description
7:0
MRX_DATA
Default: undefinedRead only, write has no ef-
fect.
This is the 8-bit data port used to read from the
Receive Data memory.
SMIU Receive Message Length Register (MReg
Address 41)
Bit No.
Name and Description
7:0
MRX _LEN
Default: undefinedRead only, write has no ef-
fect.
The SMIU Receive Message Length contains
the length of the acknowledgment frame, in-
cluding FCS. MRX_LEN only contains valid in-
formation after the Am79C975 controller has
set the MRX_DONE bit in the Interrupt regis-
ter. A message length value of larger than 128
indicates, that the Receive Data memory has
overflowed. A message length between 129
and 132 bytes indicates that only FCS bytes
have been lost and all message data bytes are
available in the Receive Data memory. A mes-
sage length greater than 132 indicates that
message data bytes have been lost from the
end of the message and the host should dis-
card the frame. MRX_LEN will indicate the cor-
rect message length up to 255 bytes. It will
freeze at 255 for longer frames. MRX_LEN is
not affected by H_RESET.
SMIU Receive Status Register (MReg Address 42)
Bit No.
Name and Description
7
MRX_ENABLE
Default: 0
Read/Write
When MRX_ENABLE is set to a 1, the
Am79C975 controller is enabled to receive ac-
knowledgment frames from the management
station. The host must program the acknowl-
edgment frame filter registers with valid data
before
setting
MRX_ENABLE.
Setting
MRX_ENABLE to a 1 will also clear the Re-
ceive Pattern RAM Address and Receive Ad-
dress
registers.
MRX_ENABLE
is
automatically cleared after every receive.
MRX_ENABLE is cleared by H_RESET.
6:3
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com