| Electronic Components Datasheet Search |
|
AM79C978 Datasheet(PDF) 59 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978 Datasheet(HTML) 59 Page - Advanced Micro Devices |
|
59 / 261 page ![]() Am79C978 59 Buffer Management Unit The Buffer Management Unit (BMU) is a microcoded state machine which implements the initialization pro- cedure and manages the descriptors and buffers. The buffer management unit operates at half the speed of the CLK input. Initialization Initialization includes the reading of the initialization block in memory to obtain the operating parameters. The initialization block can be organized in two ways. When SSIZE32 (BCR20, bit 8) is at its default value of 0, all initialization block entries are logically 16-bits wide to be backwards compatible with the Am79C90 C-LANCE and Am79C96x PCnet-ISA family. When SSIZE32 (BCR20, bit 8) is set to 1, all initialization block entries are logically 32-bits wide. Note that the Am79C978 controller always performs 32-bit bus transfers to read the initialization block entries. The ini- tialization block is read when the INIT bit in CSR0 is set. The INIT bit should be set before or concurrent with the STRT bit to insure correct operation. Once the ini- tialization block has been completely read in and inter- nal registers have been updated, IDON will be set in CSR0, generating an interrupt (if IENA is set). The Am79C978 controller obtains the start address of the initialization block from the contents of CSR1 (least significant 16 bits of address) and CSR2 (most signifi- cant 16 bits of address). The host must write CSR1 and CSR2 before setting the INIT bit. The initialization block contains the user defined conditions for operation, to- gether with the base addresses and length information of the transmit and receive descriptor rings. There is an alternate method to initialize the Am79C978 controller. Instead of initialization via the initialization block in memory, data can be written di- rectly into the appropriate registers. Either method or a combination of the two may be used at the discretion of the programmer. Please refer to Appendix A, Alterna- tive Method for Initialization for details on this alternate method. Re-Initialization T he t r a n smit ter and r e ce iver s e ctio ns o f the Am79C978 controller can be turned on via the initial- ization block (DTX, DRX, CSR15, bits 1-0). The states of the transmitter and receiver are monitored by the ho st throu g h CS R0 (RX O N, TX ON bi ts ). Th e Am79C978 controller should be re-initialized if the transmitter and/or the receiver were not turned on dur- ing the original initialization and it was subsequently re- quired to activate them, or if either section was shut off due to the detection of an error condition (MERR, UFLO, TX BUFF error). Re-initialization may be done via the initialization block or by setting the STOP bit in CSR0, followed by writing to CSR15, and then setting the START bit in CSR0. Note that this form of restart will not perform the same in the Am79C978 controller as in the C-LANCE device. In particular, upon restart, the Am79C978 controller re- loads the transmit and receive descriptor pointers with their respective base addresses. This means that the software must clear the descriptor OWN bits and reset its descriptor ring pointers before restarting the Am79C978 controller. The reload of descriptor base addresses is performed in the C-LANCE device only after initialization, so that a restart of the C-LANCE without initialization leaves the C-LANCE pointing at the same descriptor locations as before the restart. Suspend The Am79C978 controller offers two suspend modes that allow easy updating of the CSR registers without going through a full re-initialization of the device. The suspend modes also allow stopping the device with or- derly termination of all network activity. The host requests the Am79C978 controller to enter the suspend mode by setting SPND (CSR5, bit 0) to 1. The host must poll SPND until it reads back 1 to deter- mine that the Am79C978 controller has entered the suspend mode. When the host sets SPND to 1, the pro- cedure taken by the Am79C978 controller to enter the suspend mode depends on the setting of the fast sus- pend enable bit (FASTSPND, CSR7, bit 15). When a fast suspend is requested (FASTSPND is set to 1), the Am79C978 controller performs a quick entry into the suspend mode. At the time the SPND bit is set, the Am79C978 controller will continue the DMA pro- cess of any transmit and/or receive packets that have already begun DMA activity until the network activity has been completed. In addition, any transmit packet that had started transmission will be fully transmitted and any receive packet that had begun reception will be fully received. However, no additional packets will be transmitted or received and no additional transmit or receive DMA activity will begin after network activity has ceased. Hence, the Am79C978 controller may enter the suspend mode with transmit and/or receive packets still in the FIFOs or the SRAM. This offers a worst case suspend time of a maximum length packet over the possibility of completely emptying the SRAM. Care must be exercised in this mode, because the en- tire memory subsystem of the Am79C978 controller is suspended. Any changes to either the descriptor rings or the SRAM can cause the Am79C978 controller to start up in an unknown condition and could cause data corruption. When FASTSPNDE is 0 and the SPND bit is set, the Am79C978 controller may take longer before entering the suspend mode. At the time the SPND bit is set, the Am79C978 controller will complete the DMA process of a transmit packet if it had already begun, and the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |