Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 77Page - Advanced Micro Devices AM79C978 Datasheet HTML 78Page - Advanced Micro Devices AM79C978 Datasheet HTML 79Page - Advanced Micro Devices AM79C978 Datasheet HTML 80Page - Advanced Micro Devices AM79C978 Datasheet HTML 81Page - Advanced Micro Devices AM79C978 Datasheet HTML 82Page - Advanced Micro Devices AM79C978 Datasheet HTML 83Page - Advanced Micro Devices AM79C978 Datasheet HTML 84Page - Advanced Micro Devices AM79C978 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 261 page
background image
Am79C978
81
Header AID Remote Control Word Commands
Stations may be configured either as master stations or
as slave stations. Only one master may exist on a given
HomePNA segment.
The master station may send commands embedded in
the HomePNA header control word to remotely set var-
ious parameters of the remote slave stations. Stations
are identified via the AID as follows:
1. The master station is identified on the HomePNA
wire network with an AID of FFh.
2. A slave is identified with an AID of 00h to EFh.
3. AID values of F0h to FEh are reserved for future
use.
Once a command has been transmitted, the master
station will revert to a slave AID, so that subsequent
control words are not interpreted as new commands.
Master mode is entered by writing to the PHY control
register (HPR16) and is exited upon the completion of
the command sequence.
A valid master remote command consists of three
HomePNA frames with an AID of FFh. Since the
HomePNA header is prepended to packets received
from the MAC as well as Any1Home packets. Packets
from the master station may be separated by intervals
during which other (slave) stations may transmit their
frames.
A remote master Control Word command must be rec-
ognized and executed by a HomePNA PHY when it re-
ceives three consecutive valid HomePNA frames with
an AID of FFh.
If HPR16, bit 15 is not set to 0, valid commands are as
follows:
1. SET_POWER: Commands slave stations to set
their transmit level to a prescribed level.
2. SET_SPEED: Commands slave stations to set their
transmit speed to a prescribed value.
The control word bit encoding and possible values are
described in Table 14.
Table 14.
Master Station Control Word Functions
All stations will transmit the following status messages
in the HomePNA header control word of all outgoing
frames:
1. VERSION_STATUS: The HomePNA PHY version
of the slave station.
2. POWER_STATUS: The transmit power level of the
transmitting slave station for the current frame. All
HomePNA units support LOW_POWER and
HIGH_POWER modes.
3. SPEED_STATUS: The transmit speed of the slave
station for the current frame. Receiving stations will
adjust their receiver parameters to correctly inter-
pret this frame.
The slave control word bit encoding and possible val-
ues are also described in Table 14.
PHY Control and Management Block (PCM
Block)
Register Administration for 10BASE-T PHY Device
The management interface specified in Clause 22 of
the IEEE 802.3u standard provides for a simple two
wire, serial interface to connect a management entity
and a managed PHY for the purpose of controlling the
PHY and gathering status information. The two lines
are Management Data Input/Output (MDIO) and Man-
agement Data Clock (MDC). A station management
entity which is attached to multiple PHY entities must
have prior knowledge of the appropriate PHY address
for each PHY entity.
Description of the Methodology
The management interface physically transports man-
agement information across the internal and external
MII. The information is encapsulated in a frame format
as specified in Clause 22 of the IEEE 802.3u draft stan-
dard and is shown in Table 15.
Table 15.
MII Control Frame Format
Aid No.
LSB
MSB
5
Version
Set to:
0 = Low Power
1 = High Power
6
Set to:
0 = Low Speed
1 = High Speed
Reserved
PRE
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
READ
1.1
01
10
AAAAA
RRRRR
Z0
D31………D0
Z
WRITE
1.1
01
01
AAAAA
RRRRR
10
D31………D0
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com