Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 83Page - Advanced Micro Devices AM79C978 Datasheet HTML 84Page - Advanced Micro Devices AM79C978 Datasheet HTML 85Page - Advanced Micro Devices AM79C978 Datasheet HTML 86Page - Advanced Micro Devices AM79C978 Datasheet HTML 87Page - Advanced Micro Devices AM79C978 Datasheet HTML 88Page - Advanced Micro Devices AM79C978 Datasheet HTML 89Page - Advanced Micro Devices AM79C978 Datasheet HTML 90Page - Advanced Micro Devices AM79C978 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 261 page
background image
Am79C978
87
The LED pins can be configured to operate in either
open-drain mode (active low) or in totem-pole mode
(active high). The output can be stretched to allow the
human eye to recognize even short events that last
only several microseconds. After H_RESET, the five
LED outputs are configured as shown in Table 17.
Table 17.
LED Default Configuration
For each LED register, each of the status signals is
AND’d with its enable signal, and these signals are all
OR’d together to form a combined status signal. Each
LED pin combined status signal can be programmed to
run to a pulse stretcher, which consists of a 3-bit shift
register clocked at 38 Hz (26 ms). The data input of
each shift register is normally at logic 0. The OR gate
output for each LED register asynchronously sets all
three bits of its shift register when the output becomes
asserted. The inverted output of each shift register is
used to control an LED pin. Thus, the pulse stretcher
provides 2 to 3 clocks of stretched LED output, or 52
ms to 78 ms. See Figure 45.
Power Savings Mode
Power Management Support
The controller supports power management as defined
in the PCI Bus Power Management Interface Specifica-
tion V1.1 and Network Device Class Power Manage-
m e n t R e f e r e n c e Sp ec ifi c at io n V 1 . 0 a . T h ese
specifications define the network device power states,
PCI power management interface including the Capa-
bilities Data Structure and power management regis-
ters block definitions, power management events, and
OnNow network wake-up events.
The general scheme for the Am79C978 power man-
agement is that when a PCI wake-up event is detected,
a signal is generated to cause hardware external to the
Am79C978 device to put the computer into the working
(S0) mode.
Figure 45.
LED Control Logic
The Am79C978 device supports three types of wake-
up events:
1. Magic Packet Detect
2. OnNow Pattern Match Detect
3. Link State Change
Figure 46 shows the relationship between these wake-
up events and the various outputs used to signal to the
external hardware.
OnNow Wake-Up Sequence
The system software enables the PME pin by setting
the PME_EN bit in the PMCSR register (PCI configura-
tion registers, offset 44h, bit 8) to 1. When a wake-up
event is detected, the controller sets the PME_STATUS
bit in the PMCSR register (PCI configuration registers,
offset 44h, bit 15). Setting this bit causes the PME sig-
nal to be asserted. Assertion of the PME signal causes
external hardware to wake up the CPU. The system
software then reads the PMCSR register of every PCI
device in the system to determine which device as-
serted the PME signal.
When the software determines that the signal came
from the controller, it writes to the device's PMCSR to
put the device into power state D0. The software then
writes a 0 to the PME_STATUS bit to clear the bit and
turn off the PME signal, and it calls the device's soft-
ware driver to tell it that the device is now in state D0.
The system software can clear the PME_STATUS bit
either before, after, or at the same time that it puts the
device back into the D0 state.
LED
Output
Indication
Driver Mode
Pulse Stretch
LED0
Link Status
Open Drain -
Active Low
Enabled
LED1
Receive
Status
Open Drain -
Active Low
Enabled
LED2
Power
Open Drain -
Active Low
Enabled
LED3
Transmit
Status
Open Drain -
Active Low
Enabled
LED4
Speed
Open Drain -
Active Low
Enabled
COL
COLE
FDLS
FDLSE
LNKS
LNKSE
RCV
RCVE
RCVM
RCVME
XMT
XMTE
To
Pulse
Stretcher
MR_SPEED_SEL
100E
MPS
MPSE
POWER
POWERE
22206B-49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com