| Electronic Components Datasheet Search |
|
AM79C978 Datasheet(PDF) 74 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978 Datasheet(HTML) 74 Page - Advanced Micro Devices |
|
74 / 261 page ![]() 74 Am79C978 When operating in full-duplex mode, the following changes to the device operation are made: Bus Interface/Buffer Management Unit changes: n The first 64 bytes of every transmit frame are not preserved in the Transmit FIFO during transmission of the first 512 bits as described in the Transmit Ex- ception Conditions section. Instead, when full-du- plex mode is active and a frame is being transmitted, the XMTFW bits (CSR80, bits 9-8) always govern when transmit DMA is requested. n Successful reception of the first 64 bytes of every receive frame is not a requirement for Receive DMA to begin as described in the Receive Exception Con- ditions section. Instead, receive DMA will be re- quested as soon as either the RCVFW threshold (CSR80, bits 12-13) is reached or a complete valid receive frame is detected, regardless of length. This Receive FIFO operation is identical to when the RPA bit (CSR124, bit 3) is set during half-duplex mode operation. The MAC engine changes for full-duplex operation are as follows: n Changes to the transmit deferral mechanism: — Transmission is not deferred while receive is active. — The IPG counter which governs transmit deferral during the IPG between back-to-back transmits is started when transmit activity for the first packet ends, instead of when transmit and car- rier activity ends. n The 4.0 µs carrier sense blinding period after a transmission during which the SQE test normally occurs is disabled. n The collision indication input to the MAC engine is ignored. The internal PHY changes for full-duplex operation are as follows: n The collision detect (COL) pin is disabled. n The SQE test function is disabled. n Loss of Carrier (LCAR) reporting is disabled. n PHY Control Register (TBR0) bit 8 is set to 1 if Auto- Negotiation is disabled. Full-Duplex Link Status LED Support TheAm79C978 controller provides bits in each of the LED Status registers (BCR4, BCR5, BCR6, BCR7, and BCR48) to display the Full-Duplex Link Status. If the FDLSE bit (bit 8) is set, a value of 1 will be sent to the associated LEDOUT bit when in Full-Duplex. PHY/MAC Interface The internal MII-compatible interface provides the data path connection between the 10BASE-T PHY, the 1 Mbps HomePNA PHY, and the 10/100 Media Access Controller (MAC). The interface is compatible with Clause 22 of the IEEE 802.3 standard specification. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |