Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 99Page - Advanced Micro Devices AM79C978 Datasheet HTML 100Page - Advanced Micro Devices AM79C978 Datasheet HTML 101Page - Advanced Micro Devices AM79C978 Datasheet HTML 102Page - Advanced Micro Devices AM79C978 Datasheet HTML 103Page - Advanced Micro Devices AM79C978 Datasheet HTML 104Page - Advanced Micro Devices AM79C978 Datasheet HTML 105Page - Advanced Micro Devices AM79C978 Datasheet HTML 106Page - Advanced Micro Devices AM79C978 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 261 page
background image
Am79C978
103
AMD. The PCI Device ID register is located at offset
02h in the PCI Configuration Space. It is read only.
PCI Command Register
Offset 04h
The PCI Command register is a 16-bit register used to
control the gross functionality of the Am79C978 con-
troller. It controls the Am79C978 controller’s ability to
generate and respond to PCI bus cycles. To logically
disconnect the Am79C978 device from all PCI bus cy-
cles except configuration cycles, a value of 0 should be
written to this register.
The PCI Command register is located at offset 04h in
the PCI Configuration Space. It is read and written by
the host.
Bit
Name
Description
15-10
RES
Reserved locations. Read as ze-
ros; write operations have no ef-
fect.
9
FBTBEN
Fast Back-to-Back Enable. Read
as zero; write operations have no
effect. The Am79C978 controller
will not generate Fast Back-to-
Back cycles.
8
SERREN
SERR Enable. Controls the as-
sertion of the SERR pin. SERR is
disabled
when
SERREN
is
cleared. SERR will be asserted
on detection of an address parity
error and if both SERREN and
PERREN (bit 6 of this register)
are set.
SERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.
7
RES
Reserved location. Read as ze-
ros; write operations have no ef-
fect.
6
PERREN
Parity Error Response Enable.
Enables the parity error response
functions. When PERREN is 0
and the Am79C978 controller de-
tects a parity error, it only sets the
Detected Parity Error bit in the
PCI Status register. When PER-
REN is 1, the Am79C978 control-
ler
asserts
PERR
on
the
detection of a data parity error. It
also sets the DATAPERR bit (PCI
Status register, bit 8), when the
data parity error occurred during
a master cycle. PERREN also
enables reporting address parity
errors through the SERR pin and
the SERR bit in the PCI Status
register.
PERREN
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
5
VGASNOOP
VGA Palette Snoop. Read as ze-
ro; write operations have no ef-
fect.
4
MWIEN
Memory Write and Invalidate Cy-
cle Enable. Read as zero; write
operations have no effect. The
Am79C978 controller only gener-
ates Memory Write cycles.
3
SCYCEN
Special Cycle Enable. Read as
zero; write operations have no ef-
fect. The Am79C978 controller
ignores all Special Cycle opera-
tions.
2
BMEN
Bus
Master
Enable.
Setting
BMEN enables the Am79C978
controller to become a bus mas-
ter on the PCI bus. The host must
set BMEN before setting the INIT
or STRT bit in CSR0 of the
Am79C978 controller.
BMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
1
MEMEN
Memory Space Access Enable.
The Am79C978 controller will ig-
nore all memory accesses when
MEMEN is cleared. The host
must set MEMEN before the first
memory access to the device.
For memory mapped I/O, the
host must program the PCI Mem-
ory Mapped I/O Base Address
register with a valid memory ad-
dress before setting MEMEN.
For accesses to the Expansion
ROM, the host must program the
PCI Expansion ROM Base Ad-
dress register at offset 30h with a
valid memory address before set-
ting MEMEN. The Am79C978



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com