Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 2Page - Microchip Technology PIC24F32KA302 Datasheet HTML 3Page - Microchip Technology PIC24F32KA302 Datasheet HTML 4Page - Microchip Technology PIC24F32KA302 Datasheet HTML 5Page - Microchip Technology PIC24F32KA302 Datasheet HTML 6Page - Microchip Technology PIC24F32KA302 Datasheet HTML 7Page - Microchip Technology PIC24F32KA302 Datasheet HTML 8Page - Microchip Technology PIC24F32KA302 Datasheet HTML 9Page - Microchip Technology PIC24F32KA302 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 6
 2011 Microchip Technology Inc.
Pin Diagrams
28-Pin SPDIP/SSOP/SOIC(1,2)
MCLR/RA5
VSS
VDD
RA0
RA1
VDD
VSS
RB0
RB6
RA4
RB4
RA7
RA3
RA2
RA6 OR VCAP
RB7
RB9
RB8
RB3
RB2
RB1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RB15
RB14
RB13
RB12
RB10
RB11
RB5
Pin
Pin Features
PIC24FVXXKA302
PIC24FXXKA302
1MCLR/VPP/RA5
MCLR/VPP/RA5
2VREF+/CVREF+/AN0/C3INC/CTED1/CN2/RA0
VREF+/CVREF+/AN0/C3INC/CTED1/CN2/RA0
3CVREF-/VREF-/AN1/CN3/RA1
CVREF-/VREF-/AN1/CN3/RA1
4
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/CN4/RB0
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/CN4/RB0
5
PGEC1/AN3/C1INC/C2INA/U2RX/CTED12/CN5/RB1
PGEC1/AN3/C1INC/C2INA/U2RX/CTED12/CN5/RB1
6
AN4/C1INB/C2IND/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
AN4/C1INB/C2IND/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
7
AN5/C1INA/C2INC/SCL2/CN7/RB3
AN5/C1INA/C2INC/SCL2/CN7/RB3
8VSS
VSS
9
OSCI/AN13/CLKI/CN30/RA2
OSCI/AN13/CLKI/CN30/RA2
10
OSCO/AN14/CLKO/CN29/RA3
OSCO/AN14/CLKO/CN29/RA3
11
SOSCI/AN15/U2RTS/CN1/RB4
SOSCI/AN15/U2RTS/CN1/RB4
12
SOSCO/SCLKI/U2CTS/CN0/RA4
SOSCO/SCLKI/U2CTS/CN0/RA4
13
VDD
VDD
14
PGED3/ASDA(1)/SCK2/CN27/RB5
PGED3/ASDA(1)/SCK2/CN27/RB5
15
PGEC3/ASCL(1)/SDO2/CN24/RB6
PGEC3/ASCL(1)/SDO2/CN24/RB6
16
U1TX/C2OUT/OC1/INT0/CN23/RB7
U1TX/INT0/CN23/RB7
17
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
18
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
19
SDI2/IC1/CTED3/CN9/RA7
SDI2/IC1/CTED3/CN9/RA7
20
VCAP
C2OUT/OC1/CTED1/INT2/CN8/RA6
21
PGED2/SDI1/OC3/CTED11/CN16/RB10
PGED2/SDI1/OC3/CTED11/CN16/RB10
22
PGEC2/SCK1/OC2/CTED9/CN15/RB11
PGEC2/SCK1/OC2/CTED9/CN15/RB11
23
AN12/LVDIN/SS2/IC3/CTED2/INT2/CN14/RB12
AN12/LVDIN/SS2/IC3/CTED2/CN14/RB12
24
AN11/SDO1/OCFB/CTPLS/CN13/RB13
AN11/SDO1/OCFB/CTPLS/CN13/RB13
25
CVREF/AN10/C3INB/RTCC/C1OUT/OCFA/CTED5/INT1/CN12/RB14 CVREF/AN10/C3INB/RTCC/C1OUT/OCFA/CTED5/INT1/CN12/
RB14
26
AN9/C3INA/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
AN9/C3INA/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
27
VSS/AVSS
VSS/AVSS
28
VDD/AVDD
VDD/AVDD
Legend:
Pin numbers in bold indicate pin function differences between PIC24FV and PIC24F devices.
Note
1:
Alternative multiplexing for SDA1(ASDA1) and SCL1 (ASCL1) when the I2CSEL Configuration bit is set.
2:
PIC24F32KA304 device pins have a maximum voltage of 3.6V and are not 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com