| Electronic Components Datasheet Search |
|
PIC24F32KA302 Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F32KA302 Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 320 page ![]() 2011 Microchip Technology Inc. DS39995B-page 83 PIC24FV32KA304 FAMILY REGISTER 8-1: SR: ALU STATUS REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 R-0, HSC — — — — — — — DC(1) bit 15 bit 8 R/W-0, HSC R/W-0, HSC R/W-0, HSC R-0, HSC R/W-0, HSC R/W-0, HSC R/W-0, HSC R/W-0, HSC IPL2(2,3) IPL1(2,3) IPL0(2,3) RA(1) N(1) OV(1) Z(1) C(1) bit 7 bit 0 Legend: HSC = Hardware Settable/Clearable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-9 Unimplemented: Read as ‘0’ bit 7-5 IPL<2:0>: CPU Interrupt Priority Level Status bits(2,3) 111 = CPU interrupt priority level is 7 (15); user interrupts disabled 110 = CPU interrupt priority level is 6 (14) 101 = CPU interrupt priority level is 5 (13) 100 = CPU interrupt priority level is 4 (12) 011 = CPU interrupt priority level is 3 (11) 010 = CPU interrupt priority level is 2 (10) 001 = CPU interrupt priority level is 1 (9) 000 = CPU interrupt priority level is 0 (8) Note 1: See Register 3-1 for the description of these bits, which are not dedicated to interrupt control functions. 2: The IPL bits are concatenated with the IPL3 bit (CORCON<3>) to form the CPU interrupt priority level. The value in parentheses indicates the interrupt priority level if IPL3 = 1. 3: The IPL Status bits are read-only when NSTDIS (INTCON1<15>) = 1. Note: Bit 8 and bits 4 through 0 are described in Section 3.0 “CPU”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |