Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 70Page - Microchip Technology PIC24F32KA302 Datasheet HTML 71Page - Microchip Technology PIC24F32KA302 Datasheet HTML 72Page - Microchip Technology PIC24F32KA302 Datasheet HTML 73Page - Microchip Technology PIC24F32KA302 Datasheet HTML 74Page - Microchip Technology PIC24F32KA302 Datasheet HTML 75Page - Microchip Technology PIC24F32KA302 Datasheet HTML 76Page - Microchip Technology PIC24F32KA302 Datasheet HTML 77Page - Microchip Technology PIC24F32KA302 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 74
 2011 Microchip Technology Inc.
REGISTER 7-1:
RCON: RESET CONTROL REGISTER(1)
R/W-0, HS
R/W-0, HS
R/W-0
R/W-0
U-0
R/C-0, HS
R/W-0
R/W-0
TRAPR
IOPUWR
SBOREN
LVREN(3)
—
DPSLP
CM
PMSLP
bit 15
bit 8
R/W-0, HS
R/W-0, HS
R/W-0, HS
R/W-0, HS
R/W-0, HS
R/W-0, HS
R/W-1, HS
R/W-1, HS
EXTR
SWR
SWDTEN(2)
WDTO
SLEEP
IDLE
BOR
POR
bit 7
bit 0
Legend:
C = Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TRAPR:
Trap Reset Flag bit
1
= A Trap Conflict Reset has occurred
0
= A Trap Conflict Reset has not occurred
bit 14
IOPUWR:
Illegal Opcode or Uninitialized W Access Reset Flag bit
1
= An illegal opcode detection, an illegal address mode or uninitialized W register used as an Address
Pointer caused a Reset
0
= An illegal opcode or uninitialized W Reset has not occurred
bit 13
SBOREN:
Software Enable/Disable of BOR bit
1
= BOR is turned on in software
0
= BOR is turned off in software
bit 12
LVREN:
Low-Voltage Sleep Mode(3)
1
= Regulated voltage supply provided solely by the Low-Voltage Regulator (LVREG) during Sleep
0
= Regulated voltage supply provided by the main voltage regulator (HVREG) during Sleep(3)
bit 11
Unimplemented:
Read as ‘0’
bit 10
DPSLP:
Deep Sleep Mode Flag bit
1
= Deep Sleep has occurred
0
= Deep Sleep has not occurred
bit 9
CM:
Configuration Word Mismatch Reset Flag bit
1
= A Configuration Word Mismatch Reset has occurred
0
= A Configuration Word Mismatch Reset has not occurred
bit 8
PMSLP:
Program Memory Power During Sleep bit
1
= Program memory bias voltage remains powered during Sleep
0
= Program memory bias voltage is powered down during Sleep and voltage regulator enters Standby mode
bit 7
EXTR:
External Reset (MCLR) Pin bit
1
= A Master Clear (pin) Reset has occurred
0
= A Master Clear (pin) Reset has not occurred
bit 6
SWR:
Software Reset (Instruction) Flag bit
1
= A RESET instruction has been executed
0
= A RESET instruction has not been executed
bit 5
SWDTEN:
Software Enable/Disable of WDT bit(2)
1
= WDT is enabled
0
= WDT is disabled
Note 1:
All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2:
If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.
3:
On PIC24FV32KA3xx parts only, not used on PIC24F32KA3XX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com