| Electronic Components Datasheet Search |
|
PIC24F32KA302 Datasheet(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F32KA302 Datasheet(HTML) 67 Page - Microchip Technology |
|
67 / 320 page ![]() 2011 Microchip Technology Inc. DS39995B-page 67 PIC24FV32KA304 FAMILY 6.0 DATA EEPROM MEMORY The data EEPROM memory is a Nonvolatile Memory (NVM), separate from the program and volatile data RAM. Data EEPROM memory is based on the same Flash technology as program memory, and is optimized for both long retention and a higher number of erase/write cycles. The data EEPROM is mapped to the top of the user program memory space, with the top address at program memory address, 7FFE00h to 7FFFFFh. The size of the data EEPROM is 256 words in PIC24FV32KA304 devices. The data EEPROM is organized as 16-bit wide memory. Each word is directly addressable, and is readable and writable during normal operation over the entire VDD range. Unlike the Flash program memory, normal program execution is not stopped during a data EEPROM program or erase operation. The data EEPROM programming operations are controlled using the three NVM Control registers: • NVMCON: Nonvolatile Memory Control Register • NVMKEY: Nonvolatile Memory Key Register • NVMADR: Nonvolatile Memory Address Register 6.1 NVMCON Register The NVMCON register (Register 6-1) is also the primary control register for data EEPROM program/erase operations. The upper byte contains the control bits used to start the program or erase cycle, and the flag bit to indicate if the operation was successfully performed. The lower byte of NVMCOM configures the type of NVM operation that will be performed. 6.2 NVMKEY Register The NVMKEY is a write-only register that is used to prevent accidental writes or erasures of data EEPROM locations. To start any programming or erase sequence, the following instructions must be executed first, in the exact order provided: 1. Write 55h to NVMKEY. 2. Write AAh to NVMKEY. After this sequence, a write will be allowed to the NVMCON register for one instruction cycle. In most cases, the user will simply need to set the WR bit in the NVMCON register to start the program or erase cycle. Interrupts should be disabled during the unlock sequence. The MPLAB® C30 C compiler provides a defined library procedure (builtin_write_NVM) to perform the unlock sequence. Example 6-1 illustrates how the unlock sequence can be performed with in-line assembly. EXAMPLE 6-1: DATA EEPROM UNLOCK SEQUENCE Note: This data sheet summarizes the features of this group of PIC24F devices. It is not intended to be a comprehensive reference source. For more information on Data EEPROM, refer to the “PIC24F Family Reference Manual” , Section 5. “Data EEPROM” (DS39720). //Disable Interrupts For 5 instructions asm volatile("disi #5"); //Issue Unlock Sequence asm volatile("mov #0x55, W0 \n" "mov W0, NVMKEY \n" "mov #0xAA, W1 \n" "mov W1, NVMKEY \n"); // Perform Write/Erase operations asm volatile ("bset NVMCON, #WR \n" "nop \n" "nop \n"); |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |