Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316 Datasheet(PDF) 10 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology A43L8316 Datasheet HTML 12Page - AMIC Technology A43L8316 Datasheet HTML 13Page - AMIC Technology A43L8316 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
9
AMIC Technology, Inc.
Simplified Truth Table
Command
CKEn-1 CKEn
CS
RAS CAS
WE
DQM
BA A8/
AP
A7~A0
Notes
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Addr.
4
Auto Precharge Disable
L
4
Read &
Column Addr. Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Addr.
4,5
Auto Precharge Disable
L
4
Write &
Column Addr. Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Addr.
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
L
H
H
H
Entry
H
L
H
X
X
X
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
L
H
H
H
Entry
H
L
H
X
X
X
X
L
V
V
V
Precharge Power Down Mode
Exit
L
H
H
X
X
X
X
X
DQM
H
X
V
X
7
L
H
H
H
No Operation Command
H
X
H
X
X
X
X
X
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note : 1. OP Code : Operand Code
A0~A8/AP,BA : Program keys. (@MRS)
2. MRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3. Auto refresh functions as same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by “Auto”.
Auto/Self refresh can be issued only at both precharge state.
4. BA : Bank select address.
If “Low” at read, write, Row active and precharge, bank A is selected.
If “High” at read, write, Row active and precharge, bank B is selected.
If A8/AP is “High” at Row precharge, BA is ignored and both banks are selected.
5. During burst read or write with auto precharge, new read write command cannot be issued.
Another bank read write command can be issued at every burst length.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0),
but makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com