Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316 Datasheet(PDF) 14 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 14 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology A43L8316 Datasheet HTML 12Page - AMIC Technology A43L8316 Datasheet HTML 13Page - AMIC Technology A43L8316 Datasheet HTML 14Page - AMIC Technology A43L8316 Datasheet HTML 15Page - AMIC Technology A43L8316 Datasheet HTML 16Page - AMIC Technology A43L8316 Datasheet HTML 17Page - AMIC Technology A43L8316 Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
13
AMIC Technology, Inc.
Device Operations (continued)
Bank Activate
The bank activate command is used to select a random
row in an idle bank. By asserting low on RAS and
CS with desired row and bank addresses, a row access is
initiated. The read or write operation can occur after a time
delay of tRCD(min) from the time of bank activation.
tRCD(min) is an internal timing parameter of SDRAM,
therefore it is dependent on operating clock frequency. The
minimum number of clock cycles required between bank
activate and read or write command should be calculated
by dividing tRCD(min) with cycle time of the clock and then
rounding off the result to the next higher integer.
The
SDRAM has two internal banks on the same chip and
shares part of the internal circuitry to reduce chip area,
therefore
it
restricts
the
activation
of
both
banks
immediately. Also the noise generated during sensing of
each bank of SDRAM is high requiring some time for
power supplies recover before the other bank can be
sensed reliably. tRRD(min) specifies the minimum time
required between activating different banks. The number of
clock cycles required between different bank activation
must be calculated similar to tRCD specification. The
minimum time required for the bank to be active to initiate
sensing and restoring the complete row of dynamic cells is
determined by tRAS(min) specification before a precharge
command to that active bank can be asserted. The
maximum time any bank can be in the active state is
determined by tRAS(max). The number of cycles for both
tRAS(min) and tRAS(max) can be calculated similar to tRCD
specification.
Burst Read
The burst read command is used to access burst of data
on consecutive clock cycles from an active row in an active
bank. The burst read command is issued by asserting low
on
CS and CAS with WE being high on the positive
edge of the clock. The bank must be active for at least
tRCD(min) before the burst read command is issued. The
first output appears CAS latency number of clock cycles
after the issue of burst read command. The burst length,
burst sequence and latency from the burst read command
is determined by the mode register which is already
programmed. The burst read can be initiated on any
column address of the active row. The address wraps
around if the initial address does not start from a boundary
such that number of outputs from each I/O are equal to the
burst length programmed in the mode register. The output
goes into high-impedance at the end of the burst, unless a
new burst read was initiated to keep the data output
gapless. The burst read can be terminated by issuing
another burst read or burst write in the same bank or the
other active bank or a precharge command to the same
bank. The burst stop command is valid at every page burst
length.
Burst Write
The burst write command is similar to burst read
command, and is used to write data into the SDRAM
consecutive clock cycles in adjacent addresses depending
on burst length and burst sequence. By asserting low on
CS , CASand WE with valid column address, a write
burst is initiated. The data inputs are provided for the initial
address in the same clock cycle as the burst write
command. The input buffer is deselected at the end of the
burst length, even though the internal writing may not have
been completed yet. The writing can not complete to burst
length. The burst write can be terminated by issuing a
burst read and DQM for blocking data inputs or burst write
in the same or the other active bank. The burst stop
command is valid only at full page burst length where the
writing continues at the end of burst and the burst is wrap
around. The write burst can also be terminated by using
DQM for blocking data and precharging the bank “tRDL”
after the last data input to be written into the active row.
See DQM OPERATION also.
DQM Operation
The DQM is used to mask input and output operation. It
works similar to OE during read operation and inhibits
writing during write operation. The read latency is two
cycles from DQM and zero cycle for write, which means
DQM masking occurs two cycles later in the read cycle and
occurs in the same cycle during write cycle. DQM
operation is synchronous with the clock, therefore the
masking occurs for a complete cycle. The DQM signal is
important during burst interrupts of write with read or
precharge in the SDRAM. Due to asynchronous nature of
the internal write, the DQM operation is critical to avoid
unwanted or incomplete writes when the complete burst
write is not required.
Precharge
The precharge operation is performed on an active bank by
asserting low on CS , RAS , WE and A8/AP with valid
BA of the bank to be precharged. The precharge command
can be asserted anytime after tRAS(min) is satisfied from
the bank activate command in the desired bank. “tRP” is
defined as the minimum time required to precharge a bank.
The minimum number of clock cycles required to complete
row precharge is calculated by dividing “tRP” with clock
cycle time and rounding up to the next higher integer. Care
should be taken to make sure that burst write is completed
or DQM is used to inhibit writing before precharge
command is asserted. The maximum time any bank can
be active is specified by tRAS(max). Therefore, each bank
has to be precharged within tRAS(max) from the bank
activate command. At the end of precharge, the bank
enters the idle state and is ready to be activated again.
Entry to Power Down, Auto refresh, Self refresh and Mode
register Set etc, is possible only when both banks are in
idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com