Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316 Datasheet(PDF) 38 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 38 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 34Page - AMIC Technology A43L8316 Datasheet HTML 35Page - AMIC Technology A43L8316 Datasheet HTML 36Page - AMIC Technology A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology A43L8316 Datasheet HTML 41Page - AMIC Technology A43L8316 Datasheet HTML 42Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
37
AMIC Technology, Inc.
Active/Precharge Power Down Mode @CAS Lantency=2, Burst Length=4
* Note : 1. All banks should be in idle state prior to entering precharge power down mode.
2. CKE should be set high at least “1CLK + tSS” prior to Row active command.
3. Cannot violate minimum refresh specification. (16ms)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Precharge
Power-down
Exit
: Don't care
A8/AP
Active
Power-down
Entry
Row Active
WE
Qa2
Read
Precharge
DQM
DQ
Qa0
Qa1
Precharge
Power-down
Entry
tSS
tSS
* Note 2
* Note 1
*Note 3
tSS
tSS
Ra
Ca
Ra
Active
Power-down
Exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com