Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L8316 Datasheet(PDF) 26 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 26 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 22Page - AMIC Technology A43L8316 Datasheet HTML 23Page - AMIC Technology A43L8316 Datasheet HTML 24Page - AMIC Technology A43L8316 Datasheet HTML 25Page - AMIC Technology A43L8316 Datasheet HTML 26Page - AMIC Technology A43L8316 Datasheet HTML 27Page - AMIC Technology A43L8316 Datasheet HTML 28Page - AMIC Technology A43L8316 Datasheet HTML 29Page - AMIC Technology A43L8316 Datasheet HTML 30Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
25
AMIC Technology, Inc.
Read & Write Cycle at Same Bank @Burst Length=4
*Note : 1. Minimum row cycle times is required to complete internal DRAM operation.
2. Row precharge can interrupt burst on any cycle. [CAS latency-1] valid output data available after Row
enters precharge. Last valid output will be Hi-Z after tSHZ from the clock.
3. Access time from Row address. tCC*(tRCD + CAS latency-1) + tSAC
4. Output will be Hi-Z after the end of burst. (1,2,4 & 8)
At Full page bit burst, burst is wrap-around.
High
tRC
tRCD
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
WE
DQM
DQ
(CL = 2)
Row Active
(A-Bank)
Read
(A-Bank)
Precharge
(A-Bank)
Row Active
(A-Bank)
Precharge
(A-Bank)
: Don't care
*Note 1
*Note 2
Ra
Ca0
Rb
Cb0
Ra
Rb
A8/AP
Qa0
tOH
Qa1
Qa2
Qa3
Db0
Db1
Db2
Db3
tRAC
tSAC
*Note 3
tSHZ
*Note 4
tRDL
Qa0
tOH
Qa1
Qa2
Qa3
Db0
Db1
Db2
Db3
tRAC
tSAC
*Note 3
tSHZ
*Note 4
tRDL
Write
(A-Bank)
DQ
(CL = 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com