Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104FRAANZ Datasheet(HTML) 4 Page - Intersil Corporation

  HIP2104FRAANZ Datasheet HTML 1Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 2Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 3Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 4Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 5Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 6Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 7Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 8Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HIP2103, HIP2104
4
FN8276.0
November 27, 2013
Ordering Information
PART NUMBER
(Notes 1, 2, 3, 4)
PART
MARKING
UVLO
(V)
VCC
REGULATOR
(V)
VDD
REGULATOR
(V)
PACKAGE
(Pb-Free)
PKG.
DWG. #
HIP2103FRTAAZ
DZBF
4.0
N/A
N/A
8 Ld 3x3 TDFN
L8.3x3A
HIP2104FRAANZ
2104AN
4.0
3.3
12
12 Ld 4x4 DFN
L12.4x4A
HIP2103_4DEMO1Z
HIP2103, HIP2104 3-phase, Full, or Half Bridge Motor Drive Demonstration Board
HIP2103_4MBEVAL1Z
HIP2103, HIP2104 Evaluation Board
NOTES:
1. Add “-T*”, suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for HIP2103, HIP2104. For more information on MSL, please see Technical
Brief TB363
4. All part numbers are rated -40°C to +125°C for the recommended operating junction temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com