Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 19 Page - Intersil Corporation

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104FRAANZ Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HIP2104FRAANZ Datasheet HTML 13Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 14Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 15Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 16Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 17Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 18Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 19Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 20Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
HIP2103, HIP2104
19
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8276.0
November 27, 2013
For additional products, see www.intersil.com/en/products.html
• Large power components (Power FETs, Electrolytic caps, power
resistors, etc.) have internal parasitic inductance which cannot
be eliminated. This must be accounted for in the PCB layout
and circuit design.
• If you simulate your circuits, consider including parasitic
components especially parasitic inductance.
General EPAD Heatsinking
Considerations
The EPAD of the HIP2103, HIP2104 is electrically connected to
VSS through the IC substrate. The epad has two main functions:
to provide a quiet signal ground and to provide heat sinking for
the IC. The EPAD must be connected to a ground plane and
switching currents from the driven FETs should not pass through
the ground plane under the IC.
Figure 28 is a PCB layout example of how to use vias to remove
heat from the IC through the EPAD.
For maximum heatsinking, it is recommended that a ground
plane, connected to the EPAD, be added to both sides of the PCB.
A via array, within the area of the EPAD, will conduct heat from
the EPAD to the GND plane on the bottom layer. The number of
vias and the size of the GND planes required for adequate
heatsinking is determined by the power dissipated by the
HIP2103, HIP2104, the air flow, and the maximum temperature
of the air around the IC.
Note that a separate plane is added under the high side drive
circuits and is connected to HS. In a manner similar to the ground
plane, the HS plane provides the lowest possible parasitic
inductance for the HO/HS gate drive current loop.
See AN1899 “HIP2103, HIP2104 3-phase, Full, or Half Bridge
Motor Driver” for an example of PCB layout of a real application.
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the largest markets within the industrial and infrastructure, personal
computing and high-end consumer markets. For more information about Intersil, visit our website at www.intersil.com.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com. You may report errors or suggestions for improving this datasheet by visiting
www.intersil.com/en/support/ask-an-expert.html. Reliability reports are also available from our website at
http://www.intersil.com/en/support/qualandreliability.html#reliability
VDD
EPAD GND
PLANE
COMPONENT
LAYER
HI
LI
LS
HB
HO
HS
LO
EPAD GND
PLANE
BOTTOM
LAYER
VDD
HI
LI
LS
HB
HO
HS
LO
This plane is
connected to
HS and is under
all high side
driver circuits
FIGURE 28. TYPICAL PCB PATTERN FOR THERMAL VIAS
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
November 27, 2013
FN8276.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com