Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104FRAANZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP2104FRAANZ Datasheet HTML 8Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 9Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 10Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 11Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 12Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 13Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 14Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 15Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HIP2103, HIP2104
12
FN8276.0
November 27, 2013
FIGURE 13. HIP2104 VDD CURRENT LIMIT, 0kHz
FIGURE 14. HIP2103 SLEEP CURRENT (HI = LI = 1)
FIGURE 15. HIP2103 OPERATING CURRENT
FIGURE 16. HIP2103, HIP2104 UNDERVOLTAGE LOCKOUT
FIGURE 17. BOOT FET RESISTANCE
FIGURE 18. HO OUTPUT RESISTANCE
Typical Performance Curves (Continued)
0
2
4
6
8
10
12
14
0
50
100
150
IDD (mA)
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
1011
121314
VBAT (VDC)
300
600
700
800
900
0
100
57
9
13
15
VDD (VDC)
500
200
400
11
IBAT, 0kHz
IBAT, 10kHz
IBAT, 20kHz
3.5
3.7
3.9
4.1
4.3
4.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
140
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
140
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
SOURCING
SINKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com