Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2104FRAANZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP2104FRAANZ Datasheet HTML 6Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 7Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 8Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 9Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 10Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 11Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 12Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 13Page - Intersil Corporation HIP2104FRAANZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HIP2103, HIP2104
10
FN8276.0
November 27, 2013
FIGURE 4. SLEEP MODE ENABLED OR CLEARED BY HI AND LI INPUTS
FIGURE 5. VCEN AND VDEN DELAY MATCHING
FIGURE 6. PROPAGATION DELAYS
Timing Diagrams (Continued)
2M
Ω to HS
100
Ω to LS
dead time
provided by
controller
HO
LO
SLEEP*
HI
LI
HO
LO
SLEEP*
HI
LI
20µs
20µs
* Sleep mode is enabled when HI=LI=1 for 20usecs.
Sleep mode is cleared when HI=0 and LI = 1 for 20usecs.
VCC
VDen
VCen
VDD
VCC
VDen
VCen
tVCen
VDD
tVDen
10% VCC
10% VDD
tVenM
LO
LI
LO
LI
tRL
tFL
HO
HI
HO
HI
tRH
tFH
tMONHL
tMONLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com