Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9600 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  APR9600 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Page 2
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Functional Description
The APR9600 block diagram is included in order to give
understanding of the APR9600 i
i nternal architecture. At the
left hand side of the diagram are the analog inputs. A differ-
ential microphone amplifier, including integrated AGC, is
included on-chip for applications requiring its use. The ampli-
fied microphone signal is fed into the device by connecting
the Ana_Out pin to the Ana_In pin through an external DC
blocking capacitor. Recording can be fed directly into the
Ana_In pin through a DC blocking capacitor, however, the
connection between Ana_In and Ana_Out is still required for
playback. The next block encountered by the input signal is
the internal anti-aliasing filter. The filter automatically adjusts
its response according to the sampling frequency selected so
Shannon’s Sampling Theorem is satisfied. After anti-aliasing
filtering is accomplished the signal is ready to be clocked into
the memory array. This storage is accomplished through a
combination of the Sample and Hold circuit and the Analog
Write/Read circuit. These circuits are clocked by either the
Internal Oscillator or an external clock source. When play-
back is desired the previously stored recording is retrieved
from memory, low pass filtered, and amplified as shown on
the right hand side of the diagram. The signal can be heard
by connecting a speaker to the SP+ and SP- pins. Chip-wide
management is accomplished through the device control
block shown in the upper right hand corner. Message man-
agement is controlled through the message control block rep-
resented in the lower center of the block diagram. More detail
on actual device application can be found in the Sample
Applications section. More detail on sampling control can be
found in the Sample Rate and Voice Quality section. More
detail on message management and device control can be
found in the Message Management section.
Figure 2 APR9600 Block Diagram
Internal
Oscillator
Anti-Aliasing
Filter
Sample & Hold
Circuit
Low Pass
Filter
Analog Write &
Read Circuits
256k Cell
Flash EPROM
Analog Storage
Array
Message Decoders
Message Control
Power Supplies
Automatic Gain
Control (AGC)
Pre-
Amp
Amp
Mux
OscR
ExtClk
Ana_In
Ana_Out
MicIn
MicRef
AGC
VCC VCCA VSSD VSSA
/M1_Message /M2_Next /M3 /M4 /M5 /M6
/M7_END
/M8_Option
MSEL2
MSEL1
SP+
SP-
BE
/Busy
/Strobe
/CE
/RE
Device Control
APR9600
APLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com