Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9600 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APR9600 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Page 5
Function Description of Playback in Tape Mode using
Auto Rewind Option
On power-up, the device is ready to record or play back,
starting at the first address in the memory array. Before you
can begin playback, the /CE input must be set to low to
enable the device and /RE must be set to high to disable
recording and enable playback. The first high to low going
pulse of the /M1_Message pin initiates playback from the
beginning of the current message; on power up the first mes-
sage is the current message. When the /M1_Message pin
pulses low the second time, playback of the current message
stops immediately. When the /M1_Message pin pulses low a
third time, playback of the current message starts again from
its beginning. If you hold the /M1_Message pin low continu-
ously the same message will play continuously in a looping
fashion. A 1,530 ms period of silence is inserted during loop-
ing as an indicator to the user of the transition between the
beginning and end of the message.
Note that in auto rewind mode the device always rewinds to
the beginning of the current message. To listen to a subse-
quent message the device must be fast forwarded past the
current message to the next message. This function is
accomplished by toggling the /M2_Next pin from high to low.
The pulse must be low for least 400 cycles of the sampling
clock. After the device is incremented to the desired message
the user can initiate playback of the message with the play-
back sequence described above. A special case exists when
the /M2_Next pin goes low during playback. Playback of the
current message will stop, the device will beep, advance to
the next message and initiate playback of the next message.
(Note that if /M2_Next goes low when not in playback mode,
the device will prepare to play the next message, but will not
actually initiate playback).
If the /CE pin goes low during playback, playback of the cur-
rent message will stop, the device will beep, reset to the
beginning of the first message, and wait for a subsequent
playback command.
When you reach the end of the memory array, any subse-
quent pulsing of /M1_Message or /M2_Next will only result in
a double beep. To proceed from this state the user must
rewind the device to the beginning of the memory array. This
can be accomplished by toggling the /CE pin low or cycling
power.
Functional Description of Recording in Tape Mode using
On power-up, the device is ready to record or play back,
starting at the first address in the memory array. Before you
can begin recording, the /CE input must be set to low to
enable the device and /RE must be set to low to enable
recording. On a falling edge of the /M1_Message pin the
device will beep once and initiate recording. A subsequent
rising edge on the /M1_Message pin will stop recording and
insert a single beep. If the /M1_Message pin is held low
beyond the end of the available memory, recording stops
automatically, and two beeps are inserted; regardless of the
state of the /M1_Message pin. The device returns to the
standby mode when the /M1_Message pin is returned high.
A subsequent falling edge on the /M1_Message pin starts a
new record operation in the memory array immediately fol-
lowing the last recorded message, thus preserving the last
recorded message.
To record over all previous messages you must pulse the /CE
pin low once to reset the device to the beginning of the first
message. You can then initiate a record sequence, as
described above, to record a new message. The most
recently recorded message will become the last recorded
message and all previously recorded messages following this
message will become inaccessible.
If you wish to preserve any current messages it is recom-
mend that Auto Rewind option be used instead of Normal
option. If Normal option is necessary the following sequence
can be used. To preserve current messages you must fast
forward past the messages you want to keep before you can
record a new message. To fast forward when using the Nor-
mal option you must switch to play mode and listen to mes-
sages sequentially until you arrive at the beginning of the
message you wish to overwrite. At this stage you should
switch back to record mode and overwrite the desired mes-
sage. The most recently recorded message will become the
last recorded message and all previously recorded messages
following this message will become inaccessible. All inputs,
except /CE are ignored during recording.
Functional Description of Playback in Tape Mode using
On power-up, or after a low to high transition on /RE the
device is ready to record or play back starting at the first
address in the memory array. Before you can begin playback
of messages, the /CE input must be set to low to enable the
device and /RE must be set to high to enable playback. The
first high to low going pulse of the /M1_Message pin initiates
playback from the beginning of the current message. When
the /M1_Message pin pulses from high to low a second time,
playback of the current message stops immediately. When
the /M1_Message pin pulses from high to low a third time,
playback of the next message starts again from the begin-
ning. If you hold the /M1_Message pin low continuously, the
current message and subsequent messages play until the
one of the following conditions is met: the end of the memory
array is
reached, the last message is
reached, the
/M1_message pin is released. If the last recorded message
has
already
played,
any
further
transitions
on
the
/M1_Message pin will initiate a double beep for warning and
the /M7_END pin will go low. To exit this state you must pulse
the /CE pin low once during standby to reset the pointer to
the beginning of the first message.
APR9600
APLUS
the Normal Option
Auto Rewind Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com