Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9600 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  APR9600 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Page 3
Message Management
Message Management General Description
Playback and record operations are managed by on chip cir-
cuitry. There
are
several available messaging
modes
depending upon desired operation. These message modes
determine message management style, message length, and
external parts count. Therefore, the designer must select the
appropriate operating mode before beginning the design.
Operating modes do not affect voice quality; for information
on factors affecting quality refer to the Sampling Rate & Voice
Quality section.
The device supports three message management modes
(defined by the MSEL1, MSEL2 and /M8_Option pins shown
in Figures 1 and 2):
• Random access mode with 2, 4, or 8 fixed-duration mes-
sages
• Tape mode, with multiple variable-duration messages, pro-
vides two options:
- Auto rewind
-Normal
Modes cannot be mixed. Switching of modes after the device
has recorded an initial message is not recommended. If
modes are switched after an initial recording has been made
some unpredictable message fragments from the previous
mode may remain present, and be audible on playback, in
the new mode. These fragments will disappear after a record
operation in the newly selected mode. Table 1 defines the
decoding necessary to choose the desired mode.
An important feature of the APR9600 message management
capabilities is the ability to audibly prompt the user to
changes in the device’s status through the use of “beeps”
superimposed on the device’s output. This feature is enabled
by asserting a logic high level on the BE pin.
Table 1
Random Access Mode
Random access mode supports 2, 4, or 8 messages seg-
ments of fixed duration. As suggested recording or playback
can be made randomly in any of the selected messages. The
length of each message segment is the total recording length
available (as defined by the selected sampling rate) divided
by the total number of segments enabled (as decoded in
Table1). Random access mode provides easy indexing to
message segments.
Functional Description of Recording in Random Access
Mode
On power up, the device is ready to record or play back, in
any of the enabled message segments. To record, /CE must
be set low to enable the device and /RE must be set low to
enable recording. You initiate recording by applying a low
level on the message trigger pin that represents the message
segment you intend to use. The message trigger pins are
labeled /M1_Message - /M8_Option on pins 1-9 (excluding
pin 7) for message segments 1-8 respectively.
Note: Message trigger pins /M1_Message, /M2_Next,
/M7_END, and /M8_Option, have expanded names to
represent the different functionality that these pins
assume in the other modes. In random access mode
these pins should be considered purely message trig-
ger pins with the same functionality as /M3, /M4, /M5,
and /M6. For a more thorough explanation of the func-
tionality of device pins in different modes please refer
to the pin description table that appears later in this
document.
When actual recording begins the device responds with a sin-
gle beep (if the BE pin is high to enable the beep tone) at the
speaker outputs to indicate that it has started recording.
Recording continues as long as the message pin stays low.
The rising edge of the same message trigger pin during
record stops the recording operation (indicated with a single
beep).
If the message trigger pin is held low beyond the end of the
maximum allocated duration, recording stops automatically
(indicated with two beeps), regardless of the state of the mes-
sage trigger pin. The chip then enters low-power mode until
the message trigger pin returns high. After the message trig-
ger pin returns to high, the chip enters standby mode. Any
subsequent high to low transition on the same message trig-
ger pin will initiate recording from the beginning of the same
Mode
MSEL1
MSEL2
/M8_Option
Random Access 2 fixed duration messages
01
Pull this pin to VCC through 100K resistor
Random Access 4 fixed duration messages
10
Pull this pin to VCC through 100K resistor
Random Access 8 fixed duration messages
11
Becomes the /M8 message trigger input pin
Tape mode, Normal operation
00
0
Tape mode, Auto rewind operation
00
1
APR9600
APLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com