Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9600 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  APR9600 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Page 4
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
message segment. The entire previous message is then
overwritten by the new message, regardless of the duration
of the new message. Transitions on any other message trig-
ger pin or the /RE pin during the record operation are ignored
until after the device enters standby mode.
Functional Description of Playback in Random Access
Mode
On power up, the device is ready to record or playback, in
any of the enabled message segments. To playback, /CE
must be set low to enable the device and /RE must be set
high to disable recording & enable playback. You initiate play-
back by applying a high to low edge on the message trigger
pin that representing the message segment you intend to
playback. Playback will continue until the end of the message
is reached. If a high to low edge occurs on the same mes-
sage trigger pin during playback, playback of the current
message stops immediately.
If a different message trigger pin pulses during playback,
playback of the current message stops immediately (indi-
cated by one beep) and playback of the new message seg-
ment begins. A delay equal to 8,400 cycles of the sample
clock will be encountered before the device starts playing the
new message.
If a message trigger pin is held low, the selected message is
played back repeatedly as long as the trigger pin stays low. A
period of silence, of a duration equal to 8,400 cycles of the
sampling clock, will be inserted during looping as an indicator
to the user of the transition between the end and the begin-
ning of the message.
Tape Mode
Tape mode manages messages sequentially much like tradi-
tional cassette tape recorders. Within tape mode two options
exist, auto rewind and normal. Auto rewind mode configures
the device to automatically rewind to the beginning of the
message immediately following recording or playback of the
message. In tape mode, using either option, messages must
be recorded or played back sequentially, much like a tradi-
tional cassette tape recorder.
Function Description Recording in Tape Mode using the
On power up, the device is ready to record or play back, start-
ing at the first address in the memory array. To record, /CE
must be set low to enable the device and /RE must be set low
to enable recording. A falling edge of the /M1_Message pin
initiates voice recording (indicated by one beep). A subse-
quent rising edge of the /M1_Message pin during recording
stops the recording (also indicated by one beep). If the
/M1_Message pin is held low beyond the end of the available
memory, recording will stop automatically (indicated by two
beeps). The device will then assert a logic low on the
/M7_END pin for a duration equal to 1600 cycles of the sam-
ple clock, regardless of the state of the /M1_Message pin.
The device returns to standby mode when the /M1_Message
pin goes high again.
After recording is finished the device will automatically rewind
to the beginning of the most recently recorded message and
wait for the next user input. The auto rewind function is con-
venient because it allows the user to immediately playback
and review the message without the need to rewind. How-
ever, caution must be practiced because a subsequent
record operation will overwrite the last recorded message
unless the user remembers to pulse the /M2_Next pin in
order to increment the device past the current message.
A subsequent falling edge on the /M1_Message pin starts a
new record operation, overwriting the previously existing
message. You can preserve the previously recorded mes-
sage by using the /M2_Next input to initiate recording in the
next available message segment. To perform this function,
the /M2_Next pin must be pulled low for at least 400 cycles of
the sample clock.
The auto rewind mode allows the user to record over the pre-
vious message simply by initiating a record sequence without
first toggling the /M2_Next pin. To record over any other mes-
sage however requires a different sequence. You must pulse
the /CE pin low once to rewind the device to the beginning of
the voice memory.The /M2_Next pin must then be pulsed low
for the specified number of times to move to the start of the
message you wish to overwrite. Upon arriving at the desired
message a record sequence can be initiated to overwrite the
previously recorded material. After you overwrite the mes-
sage it becomes the last available message and all previ-
ously recorded messages following this message become
inaccessible. If during a record operation all the available
memory is used the device will stop recording automatically,
(double beep) and set the /M7_END pin low for a duration
equal to 1600 cycles of the sample clock. Playback can be
initiated on this last message, but pulsing the /M2_Next pin
will put the device into an “overflow state”.
Once the device enters an overflow state any subsequent
pulsing of /M1_Message or /M2_Next will only result in a dou-
ble beep and setting of the /M7_END pin low for a duration
equal to 400 cycles of the sample clock. To proceed from this
state the user must rewind the device to the beginning of the
memory array. This can be accomplished by toggling the /CE
pin low or cycling power. All inputs, except the /CE pin, are
ignored during recording.
APR9600
APLUS
Normal Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com