Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602QMM Datasheet(PDF) 15 Page - Texas Instruments

Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602QMM Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8602QMM Datasheet HTML 11Page - Texas Instruments LMP8602QMM Datasheet HTML 12Page - Texas Instruments LMP8602QMM Datasheet HTML 13Page - Texas Instruments LMP8602QMM Datasheet HTML 14Page - Texas Instruments LMP8602QMM Datasheet HTML 15Page - Texas Instruments LMP8602QMM Datasheet HTML 16Page - Texas Instruments LMP8602QMM Datasheet HTML 17Page - Texas Instruments LMP8602QMM Datasheet HTML 18Page - Texas Instruments LMP8602QMM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Q =
R1C1 + R2C1 + (1 - K2) * R1C2
R1R2C1C2
1
R1R2C1C2
Zo =
K2
QZo
jZ
Zo
2
(jZ)
2
+ 1
+
G(jZ) = K1 *
H(s) =
s
2
+ s *
R1R2C1C2
1
1
R1C2
+
R2C2
+
+
K1 * K2
(1 - K2)
R2C1
1
R1R2C1C2
1
OUT
+
-
Preamplifier
+IN
-IN
Output Buffer
Gain = K2
A1
A2
Gain = K1
OFFSET
Internal
R1
100 k:
C2
C1
R2
8
1
3
4
5
7
Level
shift
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
ADDITIONAL SECOND ORDER LOW PASS FILTER
The LMP8602/LMP8602Q/LMP8603/LMP8603Q has a third order Butterworth low-pass characteristic with a
typical bandwidth of 60 kHz integrated in the preamplifier stage of the part. The bandwidth of the output buffer
can be reduced by adding a capacitor on the A1 pin to create a first order low pass filter with a time constant
determined by the 100 k
Ω internal resistor and the external filter capacitor.
It is also possible to create an additional second order Sallen-Key low pass filter as shown in Figure 43 by
adding external components R2, C1 and C2. Together with the internal 100 kΩ resistor R1, this circuit creates a
second order low-pass filter characteristic.
K1 = 10, K2 = 5 for LMP8602, K2 = 10 for LMP8603
Figure 43. Second Order Low Pass Filter
When the corner frequency of the additional filter is much lower than 60 kHz, the transfer function of the
described amplifier can be written as:
where
•
K1 equals the gain of the preamplifier
•
K2 that of the buffer amplifier
(1)
The above equation can be written in the normalized frequency response for a 2nd order low pass filter:
(2)
The Cutt-off frequency
ωo in rad/sec (divide by 2π to get the cut-off frequency in Hz) is given by:
(3)
And the quality factor of the filter is given by:
(4)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com