Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602QMM Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602QMM Datasheet(HTML) 2 Page - Texas Instruments

  LMP8602QMM Datasheet HTML 1Page - Texas Instruments LMP8602QMM Datasheet HTML 2Page - Texas Instruments LMP8602QMM Datasheet HTML 3Page - Texas Instruments LMP8602QMM Datasheet HTML 4Page - Texas Instruments LMP8602QMM Datasheet HTML 5Page - Texas Instruments LMP8602QMM Datasheet HTML 6Page - Texas Instruments LMP8602QMM Datasheet HTML 7Page - Texas Instruments LMP8602QMM Datasheet HTML 8Page - Texas Instruments LMP8602QMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The mid-rail offset adjustment pin enables the user to use these devices for bidirectional single supply voltage
current sensing. The output signal is bidirectional and mid-rail referenced when this pin is connected to the
positive supply rail. With the offset pin connected to ground, the output signal is unidirectional and ground-
referenced.
The LMP8602 and LMP8603 are available in a 8–Pin SOIC package and in a 8–Pin VSSOP package.
The LMP8602Q and LMP8603Q incorporate enhanced manufacturing and support processes for the automotive
market, including defect detection methodologies. Reliability qualification is compliant with the requirements and
temperature grades defined in the AEC Q100 standard.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
For input pins only
±4000V
Human Body
For all other pins
±2000V
ESD Tolerance(3)
Machine Model
200V
Charge Device Model
1000V
Supply Voltage (VS - GND)
6.0V
Continuous Input Voltage (
−IN and +IN)(4)
−22V to 60V
Transient (400 ms)
−25V to 65V
Maximum Voltage at A1, A2, OFFSET and OUT Pins
VS +0.3V and
GND -0.3V
Storage Temperature Range
−65°C to 150°C
Junction Temperature(5)
150°C
Mounting Temperature
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead (10 sec)
260°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
the device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be beyond such conditions. All voltages are
measured with respect to the ground pin, unless otherwise specified.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model per MIL-STD-883, Method 3015.7. Machine Model, per JESD22-A115-A. Field-Induced Charge-Device Model, per
JESD22-C101-C.
(4)
For the VSSOP package, the bare board spacing at the solder pads of the package will be to small for reliable use at higher voltages
(VCM >25V) Therefore it is strongly advised to add a conformal coating on the PCB assembled with the LMP8602 and LMP8603.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com