Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602QMM Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602QMM Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP8602QMM Datasheet HTML 16Page - Texas Instruments LMP8602QMM Datasheet HTML 17Page - Texas Instruments LMP8602QMM Datasheet HTML 18Page - Texas Instruments LMP8602QMM Datasheet HTML 19Page - Texas Instruments LMP8602QMM Datasheet HTML 20Page - Texas Instruments LMP8602QMM Datasheet HTML 21Page - Texas Instruments LMP8602QMM Datasheet HTML 22Page - Texas Instruments LMP8602QMM Datasheet HTML 23Page - Texas Instruments LMP8602QMM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TIME (ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
50
100
150
200
250
300
20 pF
10 pF
VS = 3.3V
Output Buffer
VS
0V
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
LAYOUT CONSIDERATIONS
The two input signals of the LMP8602/LMP8602Q/LMP8603/LMP8603Q are differential signals and should be
handled as a differential pair. For optimum performance these signals should be closely together and of equal
length. Keep all impedances in both traces equal and do not allow any other signal or ground in between the
traces of this signals.
The connection between the preamplifier and the output buffer amplifier is a high impedance signal due to the
100 k
Ω series resistor at the output of the preamplifier. Keep the traces at this point as short as possible and
away from interfering signals.
The LMP8602/LMP8602Q/LMP8603/LMP8603Q is available in a 8–Pin SOIC package and in a 8–Pin VSSOP
package. For the VSSOP package, the bare board spacing at the solder pads of the package will be too small for
reliable use at higher voltages (VCM > 25V) In this situation it is strongly advised to add a conformal coating on
the PCB assembled with the LMP8602/LMP8602Q/LMP8603/LMP8603Q in VSSOP package.
DRIVING SWITCHED CAPACITIVE LOADS
Some ADCs load their signal source with a sample and hold capacitor. The capacitor may be discharged prior to
being connected to the signal source. If the LMP8602/LMP8602Q/LMP8603/ LMP8603Q is driving such ADCs
the sudden current that should be delivered when the sampling occurs may disturb the output signal. This effect
was simulated with the circuit shown in Figure 47 where the output is connected to a capacitor that is driven by a
rail to rail square wave.
Figure 47. Driving Switched Capacitive Load
This circuit simulates the switched connection of a discharged capacitor to the LMP8602/LMP8602Q/LMP8603/
LMP8603Q output. The resulting VOUT disturbance signals are shown in Figure 48 and Figure 49.
Figure 48. Capacitive Load Response at 3.3V
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com