Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602QMM Datasheet(PDF) 18 Page - Texas Instruments

Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602QMM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP8602QMM Datasheet HTML 14Page - Texas Instruments LMP8602QMM Datasheet HTML 15Page - Texas Instruments LMP8602QMM Datasheet HTML 16Page - Texas Instruments LMP8602QMM Datasheet HTML 17Page - Texas Instruments LMP8602QMM Datasheet HTML 18Page - Texas Instruments LMP8602QMM Datasheet HTML 19Page - Texas Instruments LMP8602QMM Datasheet HTML 20Page - Texas Instruments LMP8602QMM Datasheet HTML 21Page - Texas Instruments LMP8602QMM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Ri = 400 k: X
Gi - 50
Gi
Gi =
Ri - 900 k:
100 Ri
Gi =
Ri - 400 k:
50 Ri
2Rr
+IN
-IN
+
-
Preamplifier
Gain = 10
Output Buffer
Gain = K2
A1
A2
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
2Rr
VX = OFFSET
Rr = 100 k: x
100 - Gr
Gr
Rr = 100 k: X
50 - Gr
Gr
Gr =
Rr + 100 k:
100 Rr
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
For the LMP8603:
(18)
Given a desired value of the reduced gain Gr, using this equation the required value for Rr can be calculated for
the LMP8602 with:
(19)
and for the LMP8603 with:
(20)
Figure 45 shows the configuration that can be used to reduce the gain of the LMP8602 and the LMP8603 in
bidirectional sensing applications. The required value for Rr can be calculated with the equations above. The
maximum mid-scale offset scaling accuracy of the LMP8602 is ±1% and the maximum mid-scale offset scaling
accuracy of the LMP8603 is ±1.5%. The pair of resistors selected have to match much better than 1% and 1.5%
to prevent a significant error contribution to the offset voltage.
Figure 45. Reduce Gain for Bidirectional Application
Increase Gain
Figure 46 shows the configuration that can be used to increase the gain of the LMP8602/ LMP8602Q/ LMP8603/
LMP8603Q.
Ri creates positive feedback from the output pin to the input of the buffer amplifier. The positive feedback
increases the gain. The increased gain Gi for the LMP8602 becomes:
(21)
and for the LMP8603:
(22)
From this equation, for a desired value of the gain, the required value of Ri can be calculated for the LMP8602
with:
(23)
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com