Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV932IDE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV932IDE4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDE4 Datasheet(HTML) 4 Page - Texas Instruments

  LMV932IDE4 Datasheet HTML 1Page - Texas Instruments LMV932IDE4 Datasheet HTML 2Page - Texas Instruments LMV932IDE4 Datasheet HTML 3Page - Texas Instruments LMV932IDE4 Datasheet HTML 4Page - Texas Instruments LMV932IDE4 Datasheet HTML 5Page - Texas Instruments LMV932IDE4 Datasheet HTML 6Page - Texas Instruments LMV932IDE4 Datasheet HTML 7Page - Texas Instruments LMV932IDE4 Datasheet HTML 8Page - Texas Instruments LMV932IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Not Recommended for New Designs
LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
www.ti.com
Absolute Maximum Ratings
(1)
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage(2)
5.5
V
VID
Differential input voltage(3)
Supply voltage
VI
Input voltage range, either input
VCC– – 0.2
VCC+ + 0.2
V
Duration of output short circuit (one amplifier) to VCC±
(4) (5)
Unlimited
D package (8 pin)
97
D package (14 pin)
86
DBV package
206
θJA
Package thermal impedance(5) (6)
°C/W
DCK package
252
DGK package
172
PW package
113
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Applies to both single-supply and split-supply operation. Continuous short-circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45 mA over long term may adversely
affect reliability.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage (VCC+ – VCC–)
1.8
5
V
TA
Operating free-air temperature
–40
125
°C
ESD Protection
TYP
UNIT
Human-Body Model
2000
V
Machine Model
200
V
4
Copyright © 2004–2006, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com