Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV932IDE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV932IDE4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDE4 Datasheet(HTML) 5 Page - Texas Instruments

  LMV932IDE4 Datasheet HTML 1Page - Texas Instruments LMV932IDE4 Datasheet HTML 2Page - Texas Instruments LMV932IDE4 Datasheet HTML 3Page - Texas Instruments LMV932IDE4 Datasheet HTML 4Page - Texas Instruments LMV932IDE4 Datasheet HTML 5Page - Texas Instruments LMV932IDE4 Datasheet HTML 6Page - Texas Instruments LMV932IDE4 Datasheet HTML 7Page - Texas Instruments LMV932IDE4 Datasheet HTML 8Page - Texas Instruments LMV932IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
a
V
IO
Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
www.ti.com
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
Electrical Characteristics
VCC+ = 1.8 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1
4
LMV931 (single)
Full range
6
VIO
Input offset voltage
mV
25°C
1
5.5
LMV932 (dual), LMV934 (quad)
Full range
7.5
Average temperature
coefficient of input
25°C
5.5
μV/°C
offset voltage
VIC = VCC+ – 0.8 V
25°C
15
35
IIB
Input bias current
25°C
65
nA
Full range
75
25°C
13
25
IIO
Input offset current
nA
Full range
40
25°C
103
185
Supply current
ICC
μA
(per channel)
Full range
205
25°C
60
78
0
≤ VIC ≤ 0.6 V, 1.4 V ≤ VIC ≤ 1.8 V
–40°C to
55
85°C
Common-mode
CMRR
dB
rejection ratio
–40°C to
0.2
≤ VIC ≤ 0.6 V, 1.4 V ≤ VIC ≤ 1.6 V
55
125°C
–0.2
≤ VIC ≤ 0 V, 1.8 V ≤ VIC ≤ 2 V
25°C
50
72
25°C
75
100
Supply-voltage
kSVR
1.8 V
≤ VCC+ ≤ 5 V, VIC = 0.5 V
dB
rejection ratio
Full range
70
25°C
VCC– – 0.2
–0.2 to 2.1 VCC+ + 0.2
–40°C to
Common-mode
VCC–
VCC+
VICR
CMRR
≥ 50 dB
85°C
V
input voltage range
–40°C to
VCC– + 0.2
VCC+ – 0.2
125°C
25°C
77
101
RL = 600 Ω
to 0.9 V
Full range
73
LMV931
25°C
80
105
RL = 2 kΩ
to 0.9 V
Full range
75
Large-signal
VO = 0.2 V to 1.6 V,
AV
dB
voltage gain
VIC = 0.5 V
25°C
75
90
RL = 600 Ω
to 0.9 V
Full range
72
LMV932,
LMV934
25°C
78
100
RL = 2 kΩ
to 0.9 V
Full range
75
25°C
1.65
1.72
High level
Full range
1.63
RL = 600 Ω to 0.9 V,
VID = ±100 mV
25°C
0.077
0.105
Low level
Full range
0.120
VO
Output swing
V
25°C
1.75
1.77
High level
Full range
1.74
RL = 2 kΩ to 0.9 V,
VID = ±100 mV
25°C
0.024
0.035
Low level
Full range
0.040
25°C
4
8
VO = 0 V,
Sourcing
VID = 100 mV
Full range
3.3
Output short-circuit
IOS
mA
current
25°C
7
9
VO = 1.8 V,
Sinking
VID = –100 mV
Full range
5
Gain bandwidth
GBW
25°C
1.4
MHz
product
Copyright © 2004–2006, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com