Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV932IDE4 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV932IDE4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV932IDE4 Datasheet HTML 12Page - Texas Instruments LMV932IDE4 Datasheet HTML 13Page - Texas Instruments LMV932IDE4 Datasheet HTML 14Page - Texas Instruments LMV932IDE4 Datasheet HTML 15Page - Texas Instruments LMV932IDE4 Datasheet HTML 16Page - Texas Instruments LMV932IDE4 Datasheet HTML 17Page - Texas Instruments LMV932IDE4 Datasheet HTML 18Page - Texas Instruments LMV932IDE4 Datasheet HTML 19Page - Texas Instruments LMV932IDE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
−1.8
−0.9
0
0.9
1.8
2.7
3.6
4.5
−4.5
−3.6
−2.7
−1.8
−0.9
0
0.9
1.8
LARGE-SIGNAL NONINVERTING RESPONSE
VS = 1.8 V
RL = 2 kΩ
AV = 1
Input
Output
10
µs/div"
0.05
SMALL-SIGNAL NONINVERTING RESPONSE
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.1
VS = 5 V
RL = 2 kΩ
Input
Output
0.25
µs/div"
SMALL-SIGNAL NONINVERTING RESPONSE
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
VS = 2.7 V
RL = 2 kΩ
Input
Output
0.25
µs/div"
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
−0.25
0
SMALL-SIGNAL NONINVERTING RESPONSE
VS = 1.8 V
RL = 2 kΩ
Input
Output
−0.2
−0.15
−0.1
−0.05
0.05
0.1
0.25
µs/div"
Not Recommended for New Designs
LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VCC+ = 5 V, Single Supply, TA = 25°C (unless otherwise specified)
Figure 18.
Figure 19.
Figure 20.
Figure 21.
16
Copyright © 2004–2006, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com