Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV932IDE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV932IDE4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV932IDE4 Datasheet HTML 4Page - Texas Instruments LMV932IDE4 Datasheet HTML 5Page - Texas Instruments LMV932IDE4 Datasheet HTML 6Page - Texas Instruments LMV932IDE4 Datasheet HTML 7Page - Texas Instruments LMV932IDE4 Datasheet HTML 8Page - Texas Instruments LMV932IDE4 Datasheet HTML 9Page - Texas Instruments LMV932IDE4 Datasheet HTML 10Page - Texas Instruments LMV932IDE4 Datasheet HTML 11Page - Texas Instruments LMV932IDE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Not Recommended for New Designs
LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
www.ti.com
Electrical Characteristics (continued)
VCC+ = 2.7 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SR
Slew rate(1)
25°C
0.4
V/
μS
Φm
Phase margin
25°C
70
°
Gain margin
25°C
7.5
dB
Equivalent input
Vn
f = 1 kHz, VIC = 0.5 V
25°C
57
nV/
√Hz
noise voltage
Equivalent input
In
f = 1 kHz
25°C
0.082
pA/
√Hz
noise current
f = 1 kHz, AV = 1, RL = 600 Ω,
THD
Total harmonic distortion
25°C
0.022
%
VID = 1 Vp-p
Amplifier-to-amplifier
25°C
123
dB
isolation(2)
(1)
Number specified is the slower of the positive and negative slew rates.
(2)
Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amplifier is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.
8
Copyright © 2004–2006, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com