Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-8020 Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 35Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
Rest1_Rate
Address: 0x15
Access: R/W
Reset Value: 0x01
Bit
76543210
Field
R1R7
R1R6
R1R5
R1R4
R1R3
R1R2
R1R1
R1R0
Data Type: 8-bit unsigned integer
USAGE:
This register set the Rest 1 frame rate period. Default value is 20ms. Use the formula below for calculation.
Rest1 frame rate period = (R1R[7:0] + 1) x 10ms.
Default = (1 + 1) x 10 = 20ms
All the above values are calculated base on 100Hz Hibernate clock, which expected to have 40% tolerance.
Rest1_Downshift
Address: 0x16
Access: R/W
Reset Value: 0x7d
Bit
76543210
Field
R1D7
R1D6
R1D5
R1D4
R1D3
R1D2
R1D1
R1D0
Data Type: 8-bit unsigned integer
USAGE:
This register set the Rest 1 to Rest 2 downshift time. Default value is 9920ms. Use the formula below for
calculation.
Rest1 Downshift time = R1D[7:0] x 4 x Rest1_Rate.
Default = 125 x 4 x 20 = 10000ms = 10s
All the above values are calculated base on 100Hz Hibernate clock, which expected to have 40% tolerance.
Rest2_Rate
Address: 0x17
Access: R/W
Reset Value: 0x09
Bit
76543210
Field
R2R7
R2R6
R2R5
R2R4
R2R3
R2R2
R2R1
R2R0
Data Type: 8-bit unsigned integer
USAGE:
This register set the Rest 2 frame rate period. Default value is 100ms. Use the formula below for calculation.
Rest2 frame rate period = (R2R[7:0] + 1) x 10ms.
Default = (9 + 1) x 10 = 100ms
All the above values are calculated base on 100Hz Hibernate clock, which expected to have 40% tolerance.
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com