Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-8020 Datasheet(PDF) 34 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 34 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
LP_CFG0
Address: 0x22
Access: R/W
Reset Value: Undefined
Bit
76543210
Field
LP7
LP6
LP5
LP4
LP3
LP 2
LP 1
LP 0
Data Type: 8-bit unsigned integer
USAGE:
This register is used to set the laser current. It is to be used together with LASER_CTRL1 register, where it
contains the complement of LASER_CTRL0 register. If the registers do not contain complementary values,
the laser is turned off and the LP_VALID bit in the MOTION register is set to 0.
For testing purpose, the laser power can be changed by following the Laser Power Adjustment Procedure.
Field Name
Description
LP[7:0]
Controls the 8-bit DAC for adjusting laser current.
For Range 0.8 - 4mA
One step is equivalent to (1/295) x 100% = 0.34% change of relative laser current.
For Range 4 - 10mA
One step is equivalent to (1/365) x 100% = 0.27% change of relative laser current.
Refer to the table below for examples of relative laser current settings.
Range 0.8 - 4mA (Range = 0)
Range 4 - 10mA (Range = 1)
Relatives
Laser Current
LPCFG0
LPCFG1
Relatives
Laser Current
LPCFG0
LPCFG1
13.56%
0x00
0xFF
30.14%
0x00
0xFF
13.90%
0x01
0xFE
30.41%
0x01
0xFE
14.24%
0x02
0xFD
30.68%
0x02
0xFD
..
..
..
..
..
..
..
..
..
..
..
..
99.32%
0xFD
0x02
99.45%
0xFD
0x02
99.66%
0xFE
0x01
99.73%
0xFE
0x01
100.00%
0xFF
0x00
100.00%
0xFF
0x00
* Important Note - Do not adjust the laser current > 7mA
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com