Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-8020 Datasheet(PDF) 37 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 37 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
Shutdown
Address: 0x3B
Access: W
Reset Value: Undefined
Bit
76543210
Field
SD7
SD6
SD5
SD4
SD 3
SD2
SD1
SD0
Data Type: 8-bit unsigned integer
USAGE:
Write 0xb6 to set the chip to shutdown mode, use POWER_UP_RESET register to power up the chip.
Inverse_Product_ID
Address: 0x3F
Access: R
Reset Value: 0xc5
Bit
76543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Data Type: 8-bit unsigned integer
USAGE:
This value is the inverse of the Product_ID. It can be used to test the SPI port hardware.
Motion_Burst
Address: 0x50
Access: R
Reset Value: 0x00
Bit
76543210
Field
MB7
MB6
MB5
MB4
MB3
MB2
MB1
MB0
Data Type: 8-bit unsigned integer
USAGE:
The Motion_Burst register is used for high-speed access to up to 12 bytes of information in this order:
Motion, Observation, Delta_X_L, Delta_X_H, Delta_Y_L, Delta_Y_H, SQUAL, Pixel_Sum, Maximum_Pixel,
Minimum_Pixel, Shutter_Upper, and Shutter_Lower registers. See Burst Mode-Motion Read section for use
details. Write any value to this register will clear all motion burst data.
SROM_Load_BurstAddress: 0x62
Access: W
Reset Value: Undefined
Bit
76543210
Field
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
Data Type: 8-bit unsigned integer
USAGE:
The SROM_Load_Burst register is used for high-speed programming SROM from an external PROM or micro-
controller. See SROM Download section for use details.
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com