Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-8020 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
LP_CFG1
Address: 0x23
Access: R/W
Reset Value: Undefined
Bit
76543210
Field
LPC7
LPC 6
LPC 5
LPC 4
LPC 3
LPC 2
LPC 1
LPC 0
Data Type: 8-bit unsigned integer
USAGE:
The value in this register must be a complement of LP_CFG0 register for the laser current to be as programmed,
otherwise the laser is turned off and the LP_VALID bit in the MOTION register is set to 0.
Observation
Address: 0x24
Access: R/W
Reset Value: 0x00
Bit
7
6543210
Field
Reserved
OB6
OB5
OB4
OB3
OB2
OB1
OB0
Data Type: Bit field
USAGE:
The user must clear the register by writing 0x00, waiting an appropriate delay, and read the register. The
active processes will set their corresponding bit indicating the sensor is functioning. This register may be
used as part of a recovery scheme to detect a problem caused by EFT/B or ESD by monitoring the OB[5:0]
status.
Field Name
Description
OB6
0 = chip is not running SROM code
1 = chip is running SROM code
OB[5:0]
Set once per frame
Data_Out_Lower Address: 0x25
Access: R
Reset Value: Undefined
Bit
76543210
Field
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com