| Electronic Components Datasheet Search |
|
PIC18F242 Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F242 Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 332 page ![]() © 2006 Microchip Technology Inc. DS39564C-page 25 PIC18FXX2 3.0 RESET The PIC18FXXX differentiates between various kinds of RESET: a) Power-on Reset (POR) b) MCLR Reset during normal operation c) MCLR Reset during SLEEP d) Watchdog Timer (WDT) Reset (during normal operation) e) Programmable Brown-out Reset (BOR) f) RESET Instruction g) Stack Full Reset h) Stack Underflow Reset Most registers are unaffected by a RESET. Their status is unknown on POR and unchanged by all other RESETS. The other registers are forced to a “RESET state” on Power-on Reset, MCLR, WDT Reset, Brown- out Reset, MCLR Reset during SLEEP and by the RESET instruction. Most registers are not affected by a WDT wake-up, since this is viewed as the resumption of normal oper- ation. Status bits from the RCON register, RI, TO, PD, POR and BOR, are set or cleared differently in different RESET situations, as indicated in Table 3-2. These bits are used in software to determine the nature of the RESET. See Table 3-3 for a full description of the RESET states of all registers. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 3-1. The Enhanced MCU devices have a MCLR noise filter in the MCLR Reset path. The filter will detect and ignore small pulses. The MCLR pin is not driven low by any internal RESETS, including the WDT. FIGURE 3-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR VDD OSC1 WDT Module VDD Rise Detect OST/PWRT On-chip RC OSC(1) WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 10-bit Ripple Counter Reset Enable OST(2) Enable PWRT SLEEP Note 1: This is a separate oscillator from the RC oscillator of the CLKI pin. 2: See Table 3-1 for time-out situations. Brown-out Reset BOREN RESET Instruction Stack Pointer Stack Full/Underflow Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |