Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F242 Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 46Page - Microchip Technology PIC18F242 Datasheet HTML 47Page - Microchip Technology PIC18F242 Datasheet HTML 48Page - Microchip Technology PIC18F242 Datasheet HTML 49Page - Microchip Technology PIC18F242 Datasheet HTML 50Page - Microchip Technology PIC18F242 Datasheet HTML 51Page - Microchip Technology PIC18F242 Datasheet HTML 52Page - Microchip Technology PIC18F242 Datasheet HTML 53Page - Microchip Technology PIC18F242 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 332 page
background image
PIC18FXX2
DS39564C-page 48
© 2006 Microchip Technology Inc.
IPR2
—
—
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
---1 1111
83
PIR2
—
—
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
---0 0000
79
PIE2
—
—
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
---0 0000
81
IPR1
PSPIP(3)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
82
PIR1
PSPIF(3)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
78
PIE1
PSPIE(3)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
80
TRISE(3)
IBF
OBF
IBOV
PSPMODE
—
Data Direction bits for PORTE
0000 -111
98
TRISD(3)
Data Direction Control Register for PORTD
1111 1111
96
TRISC
Data Direction Control Register for PORTC
1111 1111
93
TRISB
Data Direction Control Register for PORTB
1111 1111
90
TRISA
—TRISA6(1)
Data Direction Control Register for PORTA
-111 1111
87
LATE(3)
—
—
—
—
—
Read PORTE Data Latch,
Write PORTE Data Latch
---- -xxx
99
LATD(3)
Read PORTD Data Latch, Write PORTD Data Latch
xxxx xxxx
95
LATC
Read PORTC Data Latch, Write PORTC Data Latch
xxxx xxxx
93
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
90
LATA
—LATA6(1)
Read PORTA Data Latch, Write PORTA Data Latch(1)
-xxx xxxx
87
PORTE(3)
Read PORTE pins, Write PORTE Data Latch
---- -000
99
PORTD(3)
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
95
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
93
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
90
PORTA
—RA6(1)
Read PORTA pins, Write PORTA Data Latch(1)
-x0x 0000
87
TABLE 4-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read '0' in all other Oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers and bits are reserved on the PIC18F2X2 devices; always maintain these clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com