Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F242 Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 27Page - Microchip Technology PIC18F242 Datasheet HTML 28Page - Microchip Technology PIC18F242 Datasheet HTML 29Page - Microchip Technology PIC18F242 Datasheet HTML 30Page - Microchip Technology PIC18F242 Datasheet HTML 31Page - Microchip Technology PIC18F242 Datasheet HTML 32Page - Microchip Technology PIC18F242 Datasheet HTML 33Page - Microchip Technology PIC18F242 Datasheet HTML 34Page - Microchip Technology PIC18F242 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 29
PIC18FXX2
FSR1H
242
442
252
452
---- xxxx
---- uuuu
---- uuuu
FSR1L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
242
442
252
452
---- 0000
---- 0000
---- uuuu
INDF2
242
442
252
452
N/A
N/A
N/A
POSTINC2
242
442
252
452
N/A
N/A
N/A
POSTDEC2
242
442
252
452
N/A
N/A
N/A
PREINC2
242
442
252
452
N/A
N/A
N/A
PLUSW2
242
442
252
452
N/A
N/A
N/A
FSR2H
242
442
252
452
---- xxxx
---- uuuu
---- uuuu
FSR2L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
242
442
252
452
---x xxxx
---u uuuu
---u uuuu
TMR0H
242
442
252
452
0000 0000
uuuu uuuu
uuuu uuuu
TMR0L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
242
442
252
452
1111 1111
1111 1111
uuuu uuuu
OSCCON
242
442
252
452
---- ---0
---- ---0
---- ---u
LVDCON
242
442
252
452
--00 0101
--00 0101
--uu uuuu
WDTCON
242
442
252
452
---- ---0
---- ---0
---- ---u
RCON(4)
242
442
252
452
0--q 11qq
0--q qquu
u--u qquu
TMR1H
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
242
442
252
452
0-00 0000
u-uu uuuu
u-uu uuuu
TMR2
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
PR2
242
442
252
452
1111 1111
1111 1111
1111 1111
T2CON
242
442
252
452
-000 0000
-000 0000
-uuu uuuu
SSPBUF
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
SSPCON1
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
SSPCON2
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as '0', q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ’0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com