Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F242 Datasheet(PDF) 315 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 315 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 311Page - Microchip Technology PIC18F242 Datasheet HTML 312Page - Microchip Technology PIC18F242 Datasheet HTML 313Page - Microchip Technology PIC18F242 Datasheet HTML 314Page - Microchip Technology PIC18F242 Datasheet HTML 315Page - Microchip Technology PIC18F242 Datasheet HTML 316Page - Microchip Technology PIC18F242 Datasheet HTML 317Page - Microchip Technology PIC18F242 Datasheet HTML 318Page - Microchip Technology PIC18F242 Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 313
PIC18FXX2
APPENDIX A:
REVISION HISTORY
Revision A (June 2001)
Original data sheet for the PIC18FXX2 family.
Revision B (August 2002)
This revision includes the DC and AC Characteristics
Graphs and Tables. The Electrical Specifications in
Section 22.0 have been updated and there have been
minor corrections to the data sheet text.
Revision C (October 2006)
Packaging diagrams updated.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Feature
PIC18F242
PIC18F252
PIC18F442
PIC18F452
Program Memory (Kbytes)
16
32
16
32
Data Memory (Bytes)
768
1536
768
1536
A/D Channels
5
5
8
8
Parallel Slave Port (PSP)
No
No
Yes
Yes
Package Types
28-pin DIP
28-pin SOIC
28-pin DIP
28-pin SOIC
40-pin DIP
44-pin PLCC
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com